Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 8 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 4Page - rfsolutions.ltd RWD_QT Datasheet HTML 5Page - rfsolutions.ltd RWD_QT Datasheet HTML 6Page - rfsolutions.ltd RWD_QT Datasheet HTML 7Page - rfsolutions.ltd RWD_QT Datasheet HTML 8Page - rfsolutions.ltd RWD_QT Datasheet HTML 9Page - rfsolutions.ltd RWD_QT Datasheet HTML 10Page - rfsolutions.ltd RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ib technology
8
Start of authorised tag identity codes. List is terminated with FF FF FF FF sequence.
List is regarded as empty (all identity codes valid) if first code sequence in list is (FF FF FF FF).
NOTE that identity codes are four bytes long.
Identity codes are taken as Page 0 serial numbers for H1 / H2 types and transponder memory bytes 1 to 4 for
EM400X and MCRF200 types, ignoring most significant first byte (byte 0).
List can hold up to 60 (4 byte) identity codes.
Byte 20:
0xFF
Empty list
Byte 21:
0xFF
Byte 22:
0xFF
Byte 23:
0xFF
Byte 24:
(MSB) Tag identity code
Byte 25:
Byte 26:
Byte 27:
(LSB)
Byte 28:
(MSB) Tag identity code
Byte 29:
Byte 30:
Byte 31:
(LSB)
-
-
Byte 255:
Last Internal EEPROM location
Factory Reset
Command to restore Factory default EEPROM values and perform hardware Reset operation.
The 0x55 0xAA parameters protect against accidental operation.
After Reset, the Green LED flashes five times indicating the successful loading of the Factory
default values.
B7
B0
Command:
0 1 0 0 0 1 1 0
(Ascii “F”, 0x46)
Argument1:
0 1 0 1 0 1 0 1
0x55
Argument1:
1 0 1 0 1 0 1 0
0xAA
Reset occurs after the command is processed so there is no Acknowledge byte reply.
Operation of Identity code authorisation list
The Micro RWD QT reader only allows full communication with any of the transponders if
an initial level of security has been passed. The system works by firstly reading the tag
identity code (serial number), which is the four bytes from page 0 (first page) of H1/S or H2
types and bytes 1 to 4 of the EM400X or MC200 memory arrays ignoring the most significant
first byte (byte 0). The Micro RWD internal EEPROM is then checked to see if this serial
number is stored in the authorisation list located from byte 20 onwards. If the tag serial
number is matched to a stored serial number or the list is empty then the tag has passed the
validation test. If the Micro RWD has FF FF FF FF (hex) stored at EEPROM locations 20 to
23 then the list is treated as empty and all tags are accepted.
Full communication is only allowed if this initial security check has been passed (or the
Micro RWD authorisation list is empty).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com