Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 17 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 17 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd RWD_QT Datasheet HTML 14Page - rfsolutions.ltd RWD_QT Datasheet HTML 15Page - rfsolutions.ltd RWD_QT Datasheet HTML 16Page - rfsolutions.ltd RWD_QT Datasheet HTML 17Page - rfsolutions.ltd RWD_QT Datasheet HTML 18Page - rfsolutions.ltd RWD_QT Datasheet HTML 19Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ib technology
17
Micro RWD MC200 Protocol
The MicroRWD MC200 Reader mode is a complete reader and tag acceptance solution for
Microchip Technology MCRF 200-I/123 RFID read-only transponders (configured as RF/64
bit rate, direct ASK, Manchester coded with 0x802A header bytes)
Read MC200 Tag
Command to read 16 bytes of data from MCRF200 (128 bit) memory array. If the read was
successful, indicated by acknowledge status flags then 16 bytes of tag data follow.
B7
B0
Command:
0 1 0 1 0 0 1 0
(ASCII “R”, 0x52)
Argument1:
x x x x x x
x x
(Dummy Page number e.g 00)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Data only follows if read was successful
Reply1:
D D D D D D D D
(D = msb data read from MCRF200)
Reply2:
D D D D D D D D
Reply3:
D D D D D D D D
|
|
v
Reply15:
D D D D D D D D
Reply16:
D D D D D D D D
(D = lsb data read from MCRF200)
Note that for the Read Tag command, if an error flag has been set in the Acknowledge code
then there will be NO following data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com