Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 3 Page - rfsolutions.ltd

  RWD_QT Datasheet HTML 1Page - rfsolutions.ltd RWD_QT Datasheet HTML 2Page - rfsolutions.ltd RWD_QT Datasheet HTML 3Page - rfsolutions.ltd RWD_QT Datasheet HTML 4Page - rfsolutions.ltd RWD_QT Datasheet HTML 5Page - rfsolutions.ltd RWD_QT Datasheet HTML 6Page - rfsolutions.ltd RWD_QT Datasheet HTML 7Page - rfsolutions.ltd RWD_QT Datasheet HTML 8Page - rfsolutions.ltd RWD_QT Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ib technology
3
Supported transponder types
The MicroRWD QT is designed to communicate with the following passive RF transponder
types:-
1) Hitag 1 read/write transponders configured in R/W Public mode. Setting the HT1 to
any other configuration will render them inoperable with this system. Note: Only the
HT1 ICS30 02x Hitag silicon is fully supported for WRITE/ READ operations. The
earlier HT1 ICS30 01x silicon (made obsolete early 1997) is only partially supported.
2) Hitag S256, S2048 read/write transponders configured in PLAIN MEMORY mode
(factory default).
3) Hitag 2 read/write transponders configured in PASSWORD mode. Setting the HT2
transponder to any other configuration will render them inoperable with this system.
4) EM Marin EM4001/H4001 type transponders including H4003, H4102 and
compatible read-only tags with the correct header, data and parity bit structure.
5) Microchip Technology MCRF 200-I/123 RF transponders that use direct ASK
modulation, Manchester coding and with a data rate of RF/64. The MCRF200
transponder is expected to have the 0x802A header sequence at the start of the
memory array.
The operation of the MicroRWD QT with Hitag 1/S, Hitag 2, EM400X and MCRF200/123
transponders is identical to the individual MicroRWD reader versions and their operation is
fully described in this document and in the H1prot.PDF, H2prot.PDF, EMprot.PDF and
MCprot.PDF documents.
The transponder identification codes described in this text are regarded as the first four bytes
(serial number or page 0) of the H1 and H2 memory array or bytes 1 to 4 (least significant
four bytes) of the EM400X and MCRF200 memory arrays (ignoring most significant byte 0).
Serial Interface
This is a basic implementation of RS232. The Micro RWD does not support buffered
interrupt driven input so it must control a BUSY (CTS) line to inhibit communications from
the host when it is fully occupied with tag communication. It is assumed that the host (such
as a PC) can buffer received data.
Tx, Rx and RTS signals from the Micro RWD are all TTL level and can be converted to +/-
10v RS232 levels using an inverting level converter device such as the MAX202 (note the
inversion of the TTL levels).
The serial communication system and protocol allows for a 10ms ‘window’ every Tag polling
cycle indicated by the BUSY line being low. During this ‘window’ the host must assert the
first start bit and start transmitting data. The BUSY goes high again 10ms after the last stop
bit is received. NOTE that only one command sequence is handled at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com