Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 1 Page - rfsolutions.ltd

  RWD_QT Datasheet HTML 1Page - rfsolutions.ltd RWD_QT Datasheet HTML 2Page - rfsolutions.ltd RWD_QT Datasheet HTML 3Page - rfsolutions.ltd RWD_QT Datasheet HTML 4Page - rfsolutions.ltd RWD_QT Datasheet HTML 5Page - rfsolutions.ltd RWD_QT Datasheet HTML 6Page - rfsolutions.ltd RWD_QT Datasheet HTML 7Page - rfsolutions.ltd RWD_QT Datasheet HTML 8Page - rfsolutions.ltd RWD_QT Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ib technology
1
Data Sheet
RWD_QT.pdf
19 Pages
Last Revised 09/08/11
Micro RWD Quad-Tag Reader
The MicroRWD “QT” (Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
Hitag S256/S2048 (Plain Memory mode), Hitag 2 (Password mode), EM400X/4102 and
MCRF200I/123 passive RFID transponder types. The solution only needs a 700 µH antenna
coil connected and 5v DC supply to be a fully featured read/write system. The module
provides internal EEPROM memory for holding lists of authorised identity codes, a manual
override switch facility and has LED drives to give visual indication of acceptance.
The MicroRWD also has a TTL level RS232 interface that allows a host system to
communicate with the RWD if necessary, so that system features can be customised,
configurations changed and tag read/write data handled by the host system. The MicroRWD
QT version uses the same basic hardware as previous MicroRWD versions but has a larger
memory microcontroller to accommodate the software for reading four different tag types.
The QT version is pin-for-pin, host interface and command protocol compatible with the
individual H1/S, H2, EM400X and MCRF200 reader versions. Functionally, the only
difference is that the MicroRWD QT internal EEPROM parameter map has been changed to
accommodate all the parameters from all the individual versions.
A new command code (ASCII "v", 0x76) plus a parameter byte can be used to select the three
main transponder types, a parameter in the EEPROM map further selects between EM400X
and MC200/123 types.
TTL
RS232 I/F
Tx
Rx
CTS
LOAD
Screen
(if applicable)
700 uH Antenna
(34 SWG wire
)
25ma (sink) O/P drives
Micro
RWD
QT
Green LED
Red LED
1k
SW overri
de
+5v
0v GND
+5v DC supply
25ma (sink) (O/P) drives
+5v
Micro RWD Chip Module (not to scale)
24 pin DIL package (32 mm x 18 mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
22R nom
MicroRWD QT combined Hitag 1/S, Hitag 2, EM400X and MCRF200/123 reader device


Similar Description - RWD_QT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRC11001T PHILIPS-HTRC11001T Datasheet
94Kb / 20P
HITAG reader chip
2001 Nov 23
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
HITAG proximity reader module hardware
2001 Oct 04
logo
Panasonic Semiconductor
KX-TDA5 PANASONIC-KX-TDA5 Datasheet
2Mb / 12P
A complete communications solution
logo
NXP Semiconductors
HTRC110 NXP-HTRC110 Datasheet
192Kb / 22P
HITAG reader chip
Rev. 3.1-9 February 2010
logo
rfsolutions.ltd
UNI_RS232_USB RFSOLUTIONS-UNI_RS232_USB Datasheet
448Kb / 9P
The Universal RFID Socket board is the baseboard for the MicroRWD RFID reader modules from IB Technology.
logo
STMicroelectronics
AN2808 STMICROELECTRONICS-AN2808 Datasheet
2Mb / 40P
The PM6670S device is a complete
14-Nov-2008
logo
Richtek Technology Corp...
RT5016C RICHTEK-RT5016C Datasheet
1Mb / 68P
The RT5016C is a complete power supply solution
RT5072 RICHTEK-RT5072 Datasheet
1Mb / 68P
The RT5072 is a complete power supply solution
logo
NXP Semiconductors
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
RFID Tag (125kHz)
6-20-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com