Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 10 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 10 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 6Page - rfsolutions.ltd RWD_QT Datasheet HTML 7Page - rfsolutions.ltd RWD_QT Datasheet HTML 8Page - rfsolutions.ltd RWD_QT Datasheet HTML 9Page - rfsolutions.ltd RWD_QT Datasheet HTML 10Page - rfsolutions.ltd RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd RWD_QT Datasheet HTML 14Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ib technology
10
Read Tag Page
Command to read 4 bytes of data from HT1 32 bit page. If the read was successful, indicated
by acknowledge status flags then four bytes of tag data follow.
B7
B0
Command:
0 1
0 1 0 0 1 0
(ASCII “R”, 0x52)
Argument1:
x x N N N N N N
(N = HT1 page address 0-63)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Data only follows if read was successful
Reply1:
D D D D D D D D
(D = msb data read from HT1)
Reply2:
D D D D D D D D
Reply3:
D D D D D D D D
Reply4:
D D D D D D D D
(D = lsb data read from HT1)
Read Tag Block
Command to read up to 16 bytes of data from HT1 memory. A Block is made up of four
pages (each page being 4 bytes of data). If the specified page lies on the block boundary then
all 16 bytes (4 pages) can be read. If the specified page is on the block boundary + 1 then 12
bytes (3 pages) can be read. In this way 16, 12, 8 or 4 bytes of data can be retrieved from the
tag depending on the page number specified and it’s position within the block. If the read was
successful, indicated by acknowledge status flags then up to 16 bytes of tag data follow.
B7
B0
Command:
0 1 1 1 0 0 1
0
(ASCII “r”, 0x72)
Argument1:
x x N N N N N N
(N = HT1 page address 0-63)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
+ up to 16 bytes
Data only follows if read was successful
Reply1:
D D D D D D D D
(D = msb data read from HT1)
Reply2:
D D D D D D D D
(PAGE N DATA)
Reply3:
D D D D D D D D
Reply4:
D D D D D D D D
(D = lsb data read from HT1)
|
|
Up to 16 bytes can be specified depending on page address N
|
ie. Perform PAGE/4 => if remainder (mod) = 0 then full block (16 bytes)
|
if remainder = 1 then 12 bytes read
|
if remainder = 2 then 8 bytes read
|
if remainder = 3 then 4 bytes read
V
Reply13:
D D D D D D D D
(D = msb data read from HT1)
Reply14:
D D D D D D D D
(PAGE N+3 DATA)
Reply15:
D D D D D D D D
Reply16:
D D D D D D D D
(D = lsb data read from HT1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com