Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 13 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 13 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 9Page - rfsolutions.ltd RWD_QT Datasheet HTML 10Page - rfsolutions.ltd RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd RWD_QT Datasheet HTML 14Page - rfsolutions.ltd RWD_QT Datasheet HTML 15Page - rfsolutions.ltd RWD_QT Datasheet HTML 16Page - rfsolutions.ltd RWD_QT Datasheet HTML 17Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ib technology
13
Hitag S Configuration Bytes
Page 1 (Configuration Bytes):
Byte:
3
2
1
0
The Hitag S configuration bytes indicate the type of HS transponder and the mode of
operation. Please note that the MicroRWD H1/S module only supports Plain Memory mode
(default mode as set by Philips). Configuration bytes also control whether the memory blocks
are read/write or locked for read only access.
CON 0 (Read-only – Memory Type information)
CON 1 (Mode and Lock bits)
b7 b6 b5 b4 b3 b2 b1 b0
b7 b6 b5 b4 b3 b2 b1 b0
LCON bit
LKP bit
(CON1 and CON2 access control):
(Page 2 and Page 3 access control)
0 = Read/Write
0 = Read/Write
1 = CON1 read only, CON2 OTP
1 = Read only.
CON 2 (Memory Lock bits)
b7 b6 b5 b4 b3 b2 b1 b0
Lock Page 48 –63 (0 = Read/Write, 1 = Read only)
Lock Page 32 - 47 (0 = Read/Write, 1 = Read only)
Lock Page 24 - 31 (0 = Read/Write, 1 = Read only)
Lock Page 16 - 23 (0 = Read/Write, 1 = Read only)
Lock Page 12 - 15 (0 = Read/Write, 1 = Read only)
Lock Page 8 - 11 (0 = Read/Write, 1 = Read only)
Lock Page 6 - 7 (0 = Read/Write, 1 = Read only)
Lock Page 4 - 5 (0 = Read/Write, 1 = Read only)
Note that CON2 (Memory Lock bits) are OTP (One-Time-Programmable) if LCON = 1
Note also that the “Reserved” bits must not be altered. Page 1 must be read first and the bits
that can be changed masked on/off before writing back.
MSB
LSB
Reserved
CON2
CON1
CON0
Reserved
0
0 = S32 type (not supported)
0
1 = S256 type
1
0 = S2048 type
1
1 = Reserved
O = Plain Memory mode
1 = Authentication mode not supported
0 = Manchester
coding
Reserved
LCON LKP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com