Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 14 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 14 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 10Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 11Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 12Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 13Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 14Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 15Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 16Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 17Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 18Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ib technology
14
Note that Mifare Ultralight cards DO NOT USE Security Keys or CRYPTO Authentication
and the memory is organised differently as groups of 4 bytes (Pages). Only one Page of 4
bytes can be written at a time so to maintain compatibility and a simple RWD host command
set, the same command as above is used to write data to Ultralight cards. The command and
arguments have the same structure but different meanings. The “Block” address is treated as a
“Page Address” and the KeyType/Key number parameter is a dummy 0x00 byte. In addition
the 4 bytes of data are padded out to 16 bytes with dummy 0x00 bytes.
B7
B0
Command:
0 1 0 1 0 1 1 1
(Ascii “W”, 0x57)
Argument1:
x x x x N N N N
(N = UL Card Page Address 0 – 15)
Argument2:
0 0 0 0 0 0 0 0
(Dummy byte, 0x00)
Argument3:
D D D D D D D D
(D = LS Byte of data to write to UL card)
Argument4:
D D D D D D D D
Argument5:
D D D D D D D D
Argument6:
D D D D D D D D
(D = MS Byte of data to write to UL card)
Argument7 – Argument18
0 0 0 0 0 0 0 0
12 Dummy padding bytes, 0x00
Acknowledge:
1 F F F F F F X
(F = Status flags)
Read Card Block
Command to read 16 bytes of data from specified Mifare block. The first argument is the
block number to read data from, the second argument specifies which key code (0 - 31 from
the internal storage area) to use for sector authentication/unlocking and if the Security Key is
to be used as a KeyA or KeyB type code. If the read was successful, indicated by
acknowledge status flags then sixteen bytes of block data follow.
B7
B0
Command:
0 1 0 1 0 0 1 0
(Ascii “R”, 0x52)
Argument1:
N N N N N N N N
(N = MF Card Block Address 0 – 255)
Argument2:
T x x K K K K K
(T = Key Type, 0 = KeyA, 1= KeyB)
(K = Key code number, 0 – 31)
Acknowledge:
1 F F F F F F X
(F = Status flags)
Data only follows if Read was successful
Reply1:
D D D D D D D D
(D = LS Byte of data Read from card)
Reply2:
D D D D D D D D
Reply3:
D D D D D D D D
Reply4:
D D D D D D D D
16 Bytes of data
Reply13:
D D D D D D D D
Reply14:
D D D D D D D D
Reply15:
D D D D D D D D
Reply16:
D D D D D D D D
(D = MS Byte of data Read from card)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com