Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 22 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 22 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 18Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 19Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 20Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 21Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 22Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 23Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 24Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 25Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 26Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ib technology
22
Auxiliary Asynchronous Serial output
If selected, data can be automatically output from the OP0 or main TX pin as 4-bytes of data
transmitted asynchronously at 9600 baud, 8-bits, 1 stop-bit, no parity. The data source can be
selected as the 4-byte UID (serial number), the least significant 4-bytes of a double UID or
the least significant (first) 4-bytes of a card memory block.
Auxiliary Wiegand Output Protocol
If selected, data can be automatically output from the OP0 / OP1 pins as Data HIGH and
Data LOW signals according to the Wiegand protocol.
The Wiegand protocol (24 bit data length) can be made up of a leading even parity bit (for b0
- b11), 24 bits of data (from transponder data) and a trailing odd parity bit (for b12- b23)
creating a 26 bit output stream. The 32-bit mode has the same format except least significant
four bytes of block data are used to form the data sequence. The parity bits are included or
omitted and the byte order is reversed according to the EEPROM parameter settings.
For Example:-
Mifare block data (least significant 4 bytes):
0x04 60 22 12
(reversed byte option would use 0x12 22 60 04 as base data)
Wiegand 26 bit sequence:-
E
(b0 --------- b11) (b12 -------- b23) O
E
( 0
4
6
0
2
2 ) O
1
0000 0100 0110 0000 0010 0010
1
Where E is EVEN parity bit for bit 0 to 11 and O is ODD parity bit for bits 12 to 23
The base data for the Wiegand output can be the UID (least significant 4-bytes of serial
number) acquired during the initial ISO14443A communication or the least significant
4-bytes of data from a block of card memory (acquired by an internal Block Read
operation). Selection is by means of an RWD EEPROM parameter.
For the internal Block Read operation, the block number, key code number and type (KeyA or
KeyB) are programmable EEPROM parameters. In addition, parameters control whether the
base data byte order is reversed or if parity bits are added before output.
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
5v
0v
idle
START
8 bit data
STOP idle
1
0
TTL levels
Data bytes transmitted at 9600 baud, 8-bits, 1-stop bit, No parity (104 µS per bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com