Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 4 Page - rfsolutions.ltd

  MFPROT_LP Datasheet HTML 1Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 2Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 3Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 4Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 5Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 6Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 7Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 8Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ib technology
4
2) Standalone mode is where the Mifare card identity codes (serial numbers) are checked
against a stored list of authorised codes. If an identity code is matched, the output
drives and Green LED are enabled. Effectively standalone mode occurs when there is
no host system communicating with the Micro RWD. Up to 60 serial numbers can be
stored in the authorisation list so this mode of operation can be used to create a “mini
access control” system.
The automatic auxiliary outputs can also be used to send serial number or other card
memory block data to a controller with no command interaction required.
Supported transponder types
The MicroRWD MF is designed to communicate with the following passive RF transponder
types. Note that Mifare cards and transponder devices are fabricated by several companies
under licence from Philips/NXP Semiconductors. They are all fully Mifare compliant and
only differ in having different default Security Keys loaded in the factory:-
1) Mifare standard 1k card (MF1 IC S50 transponder) and Infineon equivalent.
2) Mifare standard 4k card (MF1 IC S70 transponder)
3) Mifare Ultralight card (MF0 IC U1 transponder)
4) Mifare ProX, Smart MX (JCOP) dual-interface card types are supported to allow
single or double UID to be acquired and “Mifare” operations performed across the
contactless interface. DESFire, Mifare PLUS supported for serial number acquisition.
5) Any ISO 14443A compliant contactless card can be accessed for Serial Number. Full
Read/Write access will only be possible if card fully supports Philips/NXP
Semiconductors CRYPTO1 algorithm and encrypted data protocols.
The operation of the Micro RWD MF and the Mifare transponders is described in more detail at
the end of this document.
The identification codes described in this text are regarded as the four-byte Mifare SINGLE
UID (Unique Identifier/serial number) or the least significant four bytes of the seven-byte
Ultralight DOUBLE UID.
Serial Interface
This is a basic implementation of RS232. The Micro RWD does not support buffered
interrupt driven input so it must control a BUSY (CTS) line to inhibit communications from
the host when it is fully occupied with card communication. It is assumed that the host (such
as a PC) can buffer received data. This CTS signal must be connected to the host computer
communication port to allow “hardware handshaking” or the host driver software must check
the CTS signal and only send commands/data when it is in a LOW state. The CTS signal is
pulsed LOW for a 6ms period each polling cycle. The host computer must wait for this LOW
signal and then send the command and data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com