Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 33 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 33 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 27Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 28Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 29Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 30Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 31Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 32Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 33Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 34Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 35Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
ib technology
33
Micro RWD MF (Mifare) LP (low-power) specification
The MicroRWD MF (Mifare) LOW-POWER version is a complete read/write system for
13.56 MHz Mifare 1k, 4k and Ultralight cards. The module is pin-compatible and virtually
identical in operation and features to the “standard” version (NOTE differences in EEPROM
parameters and the three polling rates).
However the LOW-POWER version uses a different specification microcontroller offering
lower voltage operation and is designed to be powered from four alkaline battery cells.
During the Polling Delay period the microcontroller enters SLEEP mode with the RF device
in hard power-down mode to reduce the current consumption to a very low level.
The module wakes up after the polling delay period and the process repeats. The RWD-
MIFARE “low-power” Windows applications can be used to configure the parameters and
read/write data.
Parameter
Typical Value
Supply Voltage (performance optimised for 5 volt operation)
4 – 6 volts DC (operation
from 4 x alkaline cells)
Operating temperature
-40 deg C to + 85 deg C
AVERAGE current consumption. (1 second polling)
Less than 150 µ
µ
µ
µA
Active period for RF AND host communication (each
polling cycle).
Up to 20 mS
Peak antenna voltage (optimum tuning)
30 volts peak-to-peak
Peak antenna current (optimum tuning) for short period each
polling cycle (up to 10 mS burst)
150 mA
Polling Delay (SLEEP / Power-down mode)
4 mS to 8 seconds
Current consumption during Polling delay / SLEEP
Less than 20 µA
Current consumption during RF ON each polling cycle
Less than 20mA
Maximum data rate (between card and RWD)
106k baud
Range (dependent on antenna dimensions and tuning)
25-50 mm
Auxiliary output drives
Up to 25mA
Serial Interface
TTL level RS232
Serial Communication Parameters
9600 baud, 8 data bits, no
parity, 1 stop bit protocol
with CTS handshake
Basic electrical specification with LEDs pins and auxiliary outputs NOT connected.
Note that the MicroRWD MF (Mifare) LOW-POWER version is designed for optimum
performance and range at 5-volt operation. Performance will be reduced at maximum and
minimum operating voltage.
During the “Polling Delay” SLEEP/Power-down period the logic levels on the RWD pins
remain active and so for minimum current consumption, the LEDs and the auxiliary output
drives must be disconnected (and the Beep output delay set to zero).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com