Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 31 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 31 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 27Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 28Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 29Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 30Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 31Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 32Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 33Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 34Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 35Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
ib technology
31
Mifare Ultralight (64 byte) Memory Map
Note: Ultralight card has 7 byte serial number (+ 2 check bytes)
Bcc0 = CT xor Sn0 xor Sn1 xor SN2 (CT = Cascade Tag = 0x88)
Bcc1 = Sn3 xor Sn4 xor Sn5 xor Sn6
The Mifare Ultralight transponder has a different structure to the standard 1k and 4k
byte Mifare transponders. The 64 byte memory is organised as sixteen pages of four bytes
each. The first two pages (and byte 0 of page 3) contain a seven byte serial number (UID)
together with two check bytes. The other “system” bytes are used for locking card features
and providing a number of OTP (One Time Programmable) data bytes. The remaining 12
pages (48 bytes) can be used for general read/write storage.
Despite having a different memory structure, the Ultralight uses the same Mifare
communication protocol except that a cascaded selection procedure is used and the
Authentication procedure is not used for read/write operations. The security Keys are
therefore NOT required for any operations to an Ultralight card. Because of it’s smaller
memory, more basic operation and lower cost, the Ultralight card is typically used for low-
value single applications.
The MicroRWD MF reader module fully supports the Ultralight cards and the read and write
commands have the same format as for the standard cards except that dummy data bytes
(0x00 values) are used for the Key number etc. In addition the “block number” argument
becomes a “page number” parameter.
Sn0
Sn1
Sn2
Bcc0
Sn3
Sn4
Sn5
Sn6
Bcc1
Int
Lock0
Lock1
OTP0
OTP1
OTP2
OTP3
32 bit Data
32 bit Data
32 bit Data
32 bit Data
32 bit Data
32 bit Data
32 bit Data
32 bit Data
32 bit Data
32 bit Data
32 bit Data
32 bit Data
(12 pages)
48 bytes
Read/Write
Data
4 byte Page
Byte 0
Byte 3
Page 0 (0x00), Serial number
16 Pages
(4 bytes each)
Page 15 (0x0F)
Page 3 (0x03), One Time Program
Page 1 (0x01), Serial number
Page 2 (0x02), Internal/Lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com