Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 18 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 18 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 14Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 15Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 16Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 17Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 18Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 19Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 20Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 21Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 22Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ib technology
18
MF
UL
MF
1K
MF
4K
MF
DESFire
MF
Prox
MF
Prox
MF
Prox
MF
Prox
MF
Prox
MF
Prox
ATQA
- MSB
0x00
0x00
0x00
0x03
0xXX
0xXX
0xXX
0xXX
0xXX
0xXX
ATQA
- LSB
0x44
0x04
0x02
0x44
0x08
0x04
0x02
0x48
0x44
0x42
Smart
MX
Smart
MX
Smart
MX
Smart
MX
Smart
MX
Smart
MX
ATQA
- MSB
0xXX
0xXX
0xXX
0xXX
0xXX
0xXX
ATQA
- LSB
0x08
0x04
0x02
0x48
0x44
0x42
MF
UL
MF
1K
INFINEON
1K
MF
4K
MF
DESFire
MF
ProX
MF
ProX
MF
ProX
MF
ProX
MF
ProX
MF
ProX
SAK
0x00
0x08
0x88
0x18
0x20
0x20
0x08
0x28
0x00
0x20
0x08
MF
ProX
MF
ProX
MF
ProX
Smart
MX
Smart
MX
Smart
MX
Smart
MX
Smart
MX
Smart
MX
SAK
0x28
0x18
0x38
0x00
0x20
0x08
0x28
0x18
0x38
Note that many of the “extended” Mifare types are complex dual interface cards with
embedded microcontrollers running “chip and pin” applications. Depending on the
card type the memory map and protocol of the “extended” Mifare card may be different
to the standard card types. In these cases the MicroRWD MF will report the UID using
the Card UID command but read/write operation MAY NOT be fully supported.
Message
Command to return product and firmware identifier string to host.
B7
B0
Command:
0 1 1 1 1 0 1 0
(Ascii “z”, 0x7A)
Reply:
“m IDE RWD Mifare ICODE (SECMFI_CWAX_LP V1.xx DD/MM/YY) copyright: IB
Technology (Eccel Technology Ltd)” 0x00
Returned string identifies product descriptor, project name, firmware version no. and date of
last software change together with IB Technology disclaimer message. Note that the string is
always NULL terminated. The string begins with a unique lower case character that can be
used to identify a particular version of Micro RWD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com