Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 5 Page - rfsolutions.ltd

  MFPROT_LP Datasheet HTML 1Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 2Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 3Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 4Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 5Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 6Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 7Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 8Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ib technology
5
The CTS line remains in a LOW state while the command and data bytes are being received.
After the last byte of data the CTS signal “times out” for 6ms and returns HIGH.
This 6ms “window” every polling cycle allows the host computer to send a single command
and associated data to the RWD. Please note that only one command and it’s corresponding
data bytes can be sent during a CTS LOW period, the command and data bytes must be sent
with no gaps between, if there is a pause of more than 6ms between bytes then “time out”
occurs, the CTS line returns high and the command fails (flagged as RS232 error). The CTS
signal idles in this HIGH state (to inhibit host communication) until the next polling cycle
begins.
The communication baud rate is 9600 baud, 8 bits, 1 stop, no parity. The RWD Tx, Rx and
CTS signals are all TTL level and can be converted to +/-10v RS232 levels using a level
converter device such as the MAX202 (note the inversion of the TTL levels).
The Micro RWD MF LP (low-power) version has been specifically designed to operate
with very low average power consumption but still remain responsive to cards entering
and leaving the field and be able to read large amounts of data as quickly as possible.
THE RWD HAS THREE POLLING STATES:
1) NO card present and NO host commands received.
Polling cycle rate (time between subsequent CTS low periods) is determined by the
“polling rate” parameter stored in the RWD EEPROM memory. This is typically set
to a long period (4ms to 8 seconds, default setting 260mS) and is the primary means to
reduce average power consumption. This is because most of the polling cycle period is
spent in a power-down/sleep mode.
2) Mifare card in field, NO host commands received.
When a card is detected in the field the polling rate changes to approximately 100ms
(between CTS low periods). This is to ensure that the RWD can respond quickly to the
card leaving the field and a new card being presented.
5v
0v
Polling cycle
repeats
CTS
TTL levels
Polling cycle period set by RWD EEPROM
parameter (4ms to 8 seconds, default 1 second)
6ms
(CTS timeout)
RF OFF, Power-down/sleep period
RF ON for brief period
(to check for card)
5v
0v
Polling cycle
repeats
CTS
TTL levels
100ms polling rate
6ms (CTS timeout)
RF OFF, Power-down/sleep period
RF ON for brief period (to check for card)
100ms polling rate
Not to scale
Not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com