Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 11 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 11 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 7Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 8Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 9Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 10Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 11Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 12Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 13Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 14Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 15Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ib technology
11
Byte 0:
Polling Delay (SLEEP / Power down) period (default = 0x60 = approx 260 milliseconds)
Byte 1:
Aux data output: 0x00 = OFF (NO output from OP0 / OP1),
0x01 = 24 (26) bit, Wiegand on OP0 / OP1.
0x02 = 32 (34) bit, Wiegand on OP0 / OP1.
0x03 = 9600 baud serial from OP0 (default)
Byte 2:
Reserved (Checksum)
Byte 3:
Mifare/ICODE option byte, MIFARE mode = 0x00 (default)
ICODE mode = 0x01 (NOT SUPPORTED ON THIS VERSION)
Byte 4:
Wiegand parity option, NO Parity = 0x00 (default)
0x01 = Even/Odd parity added
Byte 5: Aux block address on card (Mifare card block address 0 – 255), default 0x01, block 1
(only used if parameter byte 8 is set to 0x01 for internal Block Read)
Byte 6: Key number / type used for internal Block Read of Aux data:
(TxxKKKKK), (T = Key type, 0 = KeyA, 1 = KeyB)
(K = Key code number, 0 - 31), default = key 0x00 used as typeA
(only used if parameter byte 8 is set to 0x01 for internal Block Read)
Byte 7:
“Beep” delay parameter (x 40 mS) default = 0x00 (OFF)
Byte 8:
Aux output source data selection.
0x00 = use UID / serial number (default)
0x01 = perform Block Read
Byte 9:
Aux out (serial data) redirection (OP0 - pin 20 or Tx – pin 23)
0x00 = Serial aux output from OP0 pin (default)
0x01 = Serial aux output from main Tx pin
Byte 10: Aux output serial format (Hex or ASCII), HEX output = 0x00 (default)
ASCII output = 0x01
Byte 11: Aux output byte order option, plain data as read from card = 0x00 (default)
Byte order reversed = 0x01
Start of authorised card codes. List is terminated with FF FF FF FF sequence.
List is regarded as empty (all identity codes valid) if first code sequence in list is (FF FF FF FF).
List can hold up to 60 identity codes (serial numbers)
Byte 12: 0xFF
Empty list
Byte 13: 0xFF
Byte 14: 0xFF
Byte 15: 0xFF
Byte 16: (MSB) Tag identity code
Byte 17:
Byte 18:
Byte 19: (LSB)
-
-
-
-
Byte 255:
Last Internal EEPROM location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com