Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 29 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 29 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 25Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 26Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 27Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 28Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 29Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 30Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 31Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 32Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 33Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
ib technology
29
Access Condition for Sector Trailer Block
The read/write access to the Keys and the Access Bits themselves is controlled by the access
conditions for the Sector Trailer Block. The read/write access is specified as “Never”,
“KeyA”, KeyB” or Key A|B (KeyA OR KeyB).
Access Bits
Access condition for:
KEY A
ACCESS BITS
KEY B
C1 C2 C3
Read Write
Read Write
Read Write
0
0
0
never keyA
keyA
never
keyA keyA
(KeyB can be read)
0
0
1
never keyA
keyA
keyA
keyA keyA
(Transport setting)
0
1
0
never never
keyA never
keyA never
(KeyB can be read)
0
1
1
never keyB
keyA|B keyB
never keyB
1
0
0
never keyB
keyA|B never
never keyB
1
0
1
never never
keyA|B keyB
never never
1
1
0
never never
keyA|B never
never never
1
1
1
never never
keyA|B never
never never
The new Mifare cards have the access conditions predefined as transport configuration:
C1 C2 C3 = (0 0 1) which means Sector Trailer Block can only be read or written to using
KeyA and KeyA itself can never be read.
Because the Access Bits themselves can be locked great care must be taken when any of these
settings are changed because they may be irreversible making the card unusable.
Access Condition for data areas
The read/write access to the data areas is also controlled by the access conditions defined in
the Sector Trailer Block. The read/write access is specified as “Never”, “KeyA”, KeyB” or
Key A|B (KeyA OR KeyB).
A data block can be a “read/write block” or a “value block”. For a “read/write” block the
basic read and write operations are allowed. For the “value block” the additional increment,
decrement, transfer and restore operations can apply. In one case (001) only read and
decrement are possible for a “non-rechargeable” card application and in another case (110)
recharging is only possible using keyB.
The default transport configuration specifies that the data areas can only be accessed using
KeyA|B, however the operation of the Mifare cards define that “IF KEYB CAN BE READ
IN THE CORRESPONDING SECTOR TRAILER THEN IT CANNOT SERVE FOR
AUTHENTICATION”. This means that for the transport configuration (and 001 and 010
cases), KeyA must be used for access.
Note also that the read-only status of the Manufacturer Block is not affected by the access bits
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com