Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 8 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 4Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 5Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 6Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 7Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 8Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 9Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 10Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 11Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 12Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ib technology
8
Note that Auxiliary outputs (and “BEEP” output) should be turned OFF if standard
RS232 command interface is being used to ensure minimum power consumption and no
additional delays occur in the polling loop.
Host Driver software
Communication with the MicroRWD module is via the TTL level RS232 interface (9600
baud, 8 bit, 1 stop bit, no parity) and uses the CTS line for hardware handshaking. The
Windows applications (supplied with the Evaluation kit) can be used to communicate with the
module or the user can write their own application on a PC or a microcontroller. Please note
that the host software must be able to handle the three distinct polling rates (different periods
between CTS pulses). The following basic communication algorithm can be used:-
Typical host computer “pseudo” driver code
if (Green LED ON (pin 2 = 0))
// Optional check for valid tag in field
{
if (CTS = 0)
// Wait for CTS = 0 (RWD ready to receive command / data)
{
// CTS times out after 6ms so command and all parameters must be sent with no-
// gaps otherwise CTS times out and goes HIGH.
// For example, send READ BLOCK 1 using KEY 0 as KEYA (0x52 0x01 0x00)
SEND_CMD( );
// Sent command + parameters to RWD
// RWD sets CTS = 1 after last parameter received. RWD module processes
// command, turns on RF for short period, then sends reply.
GET_REPLY( );
// Get Acknowledge byte + data
// Response to READ command is 0x80 (no tag) or 0x86 + sixteen bytes of DATA.
}
}
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
5v
0v
idle
START
8 bit data
STOP idle
1
0
TTL levels
Transmitted or Received data byte, 9600 baud, 8 bit, 1 stop, No parity (104 µS per bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com