Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 3Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 4Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 5Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 6Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 7Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 8Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 9Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 10Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 11Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ib technology
7
Example c) Mifare card in field, valid READ BLOCK command received
(Read cmd (0x52) + Keycode number + Block number)
Auxiliary output and BEEP delay timing (if options are enabled)
Mifare card in field for first time, Auxiliary output enabled and BEEP delay set. Green LED
signal can be used as an interrupt signal to the host to indicate that auxiliary data will follow.
Summary of Polling rates and command timing
Three polling rates:
1) NO card and NO commands: Polling rate determined by Polling rate parameter in
RWD EEPROM (4mS to 8 seconds, default setting 260mS)
2) Card present but NO commands: 100ms polling delay between CTS pulses.
3) Command (and parameters) received: 10ms polling delay to next CTS pulse.
For lowest power consumption, the Polling rate parameter in EEPROM is typically set to a
long period (> 1 second). Auxiliary output (if enabled) occurs after Green LED signal and
before CTS.
Host communication software must be able to handle the three polling rates.
5v
0v
Polling cycle
repeats
CTS
TTL levels
9ms
100 ms polling delay
(card still present)
6ms
37ms
RWD
RX
(3ms) Command byte + parameters received
5v
0v
RWD
TX
Acknowledge byte + 16 byte block data reply
5v
0v
1
2
3
Command + parameters
received + 6mS CTS
Not to scale
20ms
17ms
5v
0v
GREEN
LED
TTL levels
Not to scale
5v
0v
AUX
OUT
Representation of Auxiliary (serial/Wiegand) data output on OP0 / OP1 pins
2mS after Green LED signal
CTS
5v
0v
BEEP delay after Aux output
(if enabled)
CTS goes LOW after Aux out/BEEP delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com