Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 17 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 17 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 13Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 14Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 15Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 16Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 17Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 18Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 19Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 20Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 21Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ib technology
17
The first argument is the source block address to load data from, the second argument
specifies which key code to use for sector authentication (0-31) and if it is a KeyA or KeyB
code. The third argument specifies where the data is stored.
B7
B0
Command:
0 1 0 1 0 1 0 0
(Ascii “T”, 0x54)
Argument1:
N N N N N N N N
(N = MF source block address 0 – 255)
Argument2:
T x x K K K K K
(T = Key Type, 0 = KeyA, 1= KeyB)
(K = Key code number, 0 – 31)
Argument3:
N N N N N N N N
(N = MF destination block address 0 – 255)
Acknowledge:
1 F F F F F F X
(F = Status flags)
If the Inc, Dec or Transfer function was unsuccessful (invalid card, card out of field,
authentication failed or data structures are incorrect) then Status flags in acknowledge byte
indicate error. Note that the value manipulation commands operate internally on the Mifare
card and no data is transferred back to the MicroRWD. Note also that Ultralight cards do not
support Value Data Structures or the Inc, Dec, Transfer commands.
Type Identification
Command to return the ATQA (Answer to Request, Type A) two-byte codes and the SAK
(Select Acknowledge) single-byte code after the complete UID has been acquired. As part of
the initial communication with the Mifare card (as defined by ISO 14443A specification), the
Mifare transponder responds to REQA (Request Command, Type A) with ATQA. The two-
byte ATQA contains information that allows particular transponder types to be indentified.
Following on from this the Mifare transponder responds to the SELECT (Select Command,
Type A) with SAK (Select Acknowledge, Type A). The SAK code is a single byte value that
contains further information about the type of transponder and the length of the UID. The
SAK value reported is the final value after all “cascade levels” and the complete UID has
been acquired.
NOTE THAT THIS COMMAND IS INCLUDED FOR DIAGNOSTIC PURPOSES TO
ALLOW THE USER TO DETERMINE THE EXACT TYPE OF MIFARE CARD
PRESENT IN THE FIELD, IF REQUIRED.
B7
B0
Command:
0 1 1 1 1 0 0 0
(Ascii “x”, 0x78)
Acknowledge:
1 F F F F F F X
(F = Status flags)
Data only follows if card was selected OK with no errors detected.
Reply1:
D D D D D D D D
ATQA - MSB
Reply2:
D D D D D D D D
ATQA - LSB
Reply3:
D D D D D D D D
SAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com