Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFPROT_LP Datasheet(PDF) 15 Page - rfsolutions.ltd

Part # MFPROT_LP
Description  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP Datasheet(HTML) 15 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 11Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 12Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 13Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 14Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 15Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 16Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 17Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 18Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 19Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
ib technology
15
Note that as mentioned for the WRITE command, Mifare Ultralight cards DO NOT USE
Security Keys or Authentication and the memory is organised differently as groups of 4 bytes
(Pages). However, unlike the Write command, 16 bytes (4 pages) can be read in a single
operation The same Read command as above is used except the “Block” address is treated as
a “Page Address” and the KeyType/Key number parameter is a dummy 0x00 byte. For page
numbers greater than 12, the card data wraps around to page 0 etc.
B7
B0
Command:
0 1 0 1 0 0 1 0
(Ascii “R”, 0x52)
Argument1:
x x x x N N N N
(N = UL Card Page Address 0 – 15)
Argument2:
0 0 0 0 0 0 0 0
(Dummy byte, 0x00)
Acknowledge:
1 F F F F F F X
(F = Status flags)
Data only follows if Read was successful
Reply1:
D D D D D D D D
(D = LS Byte of data Read from UL card)
Reply2:
D D D D D D D D
Reply3:
D D D D D D D D
Reply4:
D D D D D D D D
16 Bytes of data
Reply13:
D D D D D D D D
Reply14:
D D D D D D D D
Reply15:
D D D D D D D D
Reply16:
D D D D D D D D
(D = MS Byte of data Read from UL card)
Inc Value (only operates on Value Data Structure)
Command to increment integer within a Value Data Structure. The command loads the value
from the specified block address, adds the integer parameter and stores the result at the same
or another block address. Note that the source block must have been formatted as a Value
Block beforehand according to the data structure below, using the WRITE command. The
INC Value command only operates on a "Value Block Structure" and will fail if the block
configuration or the specified key type is incorrect.
Value Block Structure
Example format for value = 100 decimal (0x64), at block address 0.
(Value data stored LS byte first, ADR = block address, ADR = inverted block address)
0x64 00 00 00 9B FF FF FF 64 00 00 00 00 FF 00 FF
Byte:
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
The first argument is the source block address to load data from, the second argument
specifies which key code and type to use for sector authentication (0-31 and if it is KeyA or
KeyB type).
Value
Inverted Value
Value
ADR
ADR
ADR
ADR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com