Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 17 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 17 Page - Micro Analog systems

Back Button MAS6502 Datasheet HTML 12Page - Micro Analog systems MAS6502 Datasheet HTML 13Page - Micro Analog systems MAS6502 Datasheet HTML 14Page - Micro Analog systems MAS6502 Datasheet HTML 15Page - Micro Analog systems MAS6502 Datasheet HTML 16Page - Micro Analog systems MAS6502 Datasheet HTML 17Page - Micro Analog systems MAS6502 Datasheet HTML 18Page - Micro Analog systems MAS6502 Datasheet HTML 19Page - Micro Analog systems MAS6502 Datasheet HTML 20Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DA6502.008
29 November 2012
17 (20)
D/2
SEATING
PLANE
SIDE VIEW
TOP VIEW
D2
D2/2
b
BOTTOM VIEW
D
PIN 1 MARK AREA
EXPOSED PAD
SHAPE OF PIN #1
IDENTIFICATION
IS OPTIONAL
L
DETAIL A
Terminal Tip
Package Center Line X or Y
e
e/2
DETAIL A
PACKAGE (QFN-16 4X4x0.75) OUTLINE
Symbol
Min
Nom
Max
Unit
PACKAGE DIMENSIONS
A
0.700
0.750
0.800
mm
A1
0.000
0.020
0.050
mm
A3
0.203 REF
mm
b
0.250
---
0.350
mm
D
3.950
4.000
4.050
mm
D2 (Exposed.pad)
2.700
---
2.900
mm
E
3.950
4.000
4.050
mm
E2 (Exposed.pad)
2.700
---
2.900
mm
e
0.650 BSC
mm
L
0.350
---
0.450
mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com