Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS6502 Datasheet HTML 10Page - Micro Analog systems MAS6502 Datasheet HTML 11Page - Micro Analog systems MAS6502 Datasheet HTML 12Page - Micro Analog systems MAS6502 Datasheet HTML 13Page - Micro Analog systems MAS6502 Datasheet HTML 14Page - Micro Analog systems MAS6502 Datasheet HTML 15Page - Micro Analog systems MAS6502 Datasheet HTML 16Page - Micro Analog systems MAS6502 Datasheet HTML 17Page - Micro Analog systems MAS6502 Datasheet HTML 18Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DA6502.008
29 November 2012
14 (20)
APPLICATION INFORMATION
Input Signal Range Definitions
The input signal voltage polarity is from positive input PI to the negative input NI. MAS6502 has input signal
range (ISR) and offset (OFFSET) selection options that determines the input signal range of the A/D converter.
The minimum and maximum input signal values in the linear input signal range (ISRLIN) are calculated as
follows.
2
_
ISRLIN
OFFSET
V
MIN
IN
=
Equation 1.
2
_
ISRLIN
OFFSET
V
MAX
IN
+
=
Equation 2.
Table 11 shows minimum and maximum input signal values in the linear input signal range at different input
signal range and offset selection combinations.
Table 11. Minimum and maximum input signal values in the linear input signal range
OFFSET
ISR
ISRLIN
VIN_MIN
VIN_MAX
[mV]
[mV]
[mV]
[mV]
[mV]
0
325
260
-130
130
33
325
260
-97
163
0
220
176
-88
88
33
220
176
-55
121
0
150
120
-60
60
33
150
120
-27
93
0
100
80
-40
40
33
100
80
-7
73
The digital A/D conversion result, CODE, depends on the input signal as follows.
+
=
ISR
OFFSET
V
CODE
CODE
IN
MAX
5
.
0
Equation 3.
CODE = digital A/D-conversion output code
CODE MAX = A/D-converter maximum code (minimum code is zero)
See page 4 Electrical Characteristics for CODE MAX values at different over sampling ratio (OSR) selections.
Pressure Measurement Configuration
Piezoresistive absolute pressure sensor can be modeled roughly with following signal voltage characteristic
when including only first order pressure and temperature characteristics..
(
)
(
)
(
)
(
)
(
)
+
+
+
=
REF
OS
FS
REF
FS
REF
IN
T
T
TC
OS
p
p
T
T
TC
FS
VDD
VDD
T
p
V
1
1
,
Equation 4.
VDD = supply voltage
VDDREF = reference supply voltage at which the sensor parameters (FS, OS) have been specified (often 5V)
p = pressure [bar]
pFS = full-scale pressure range [bar]
FS = full-scale span [V]
OS = zero pressure offset [V]
TCFS = full-scale span temperature coefficient [ppm/°C]
TCOS = offset temperature coefficient [ppm/°C]
TREF = reference temperature for resistor values [°C]
T = actual temperature to be measured [°C]
The above linear approximation includes sensor full-scale span and offset signal temperature dependencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com