Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems MAS6502 Datasheet HTML 10Page - Micro Analog systems MAS6502 Datasheet HTML 11Page - Micro Analog systems MAS6502 Datasheet HTML 12Page - Micro Analog systems MAS6502 Datasheet HTML 13Page - Micro Analog systems MAS6502 Datasheet HTML 14Page - Micro Analog systems MAS6502 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DA6502.008
29 November 2012
11 (20)
SERIAL DATA INTERFACE (I
2C
®
®
®
®
BUS) CONTROL
Serial Interface
MAS6502 has an I
2C
® bus compatible two wire
serial data interface comprising of serial clock
(SCL) and bi-directional serial data (SDA) pins. Both
the SCL & SDA lines, in the I
2C
® bus, are of open-
drain design, thus, external pull-up resistors are
needed.
The serial data interface is used to configure and
start the A/D conversion and read the measurement
result when the A/D conversion has been finished.
The digital interface includes also end of conversion
(EOC) and master reset (XCLR) pins. The EOC
goes high when the A/D conversion has finished.
The XCLR signal is active low and used to reset the
A/D
converter.
A
reset
initializes
the
serial
communication bus and sets internal registers and
counters to value 00HEX. After connecting the supply
voltage to MAS6502, and before starting operating
the device via the serial bus, it is required to reset
the device with the XCLR reset pin or using reset
register (30HEX) if the supply voltage rise time has
been longer than 400 ns. If the supply voltage rise
time is shorter than this making an external reset is
not necessary since the device is automatically
reset by the power on reset (POR) circuitry. It is
however recommended to use the XCLR reset
feature to solve unexpected error state conditions.
The XCLR pin can be left unconnected when not
used. It has internal pull up to VDD. See Electrical
Characteristics for the XCLR Pin Pull Up Current.
Device Address
The I
2C
® bus definition allows several I2C® bus
devices to be connected to the same bus. The
devices are distinguished from each other by unique
device address codes. MAS6502 device address is
shown in table 7. The LSB bit of the device address
defines whether the bus is configured for Read (1)
or Write (0) operation.
Table 7. MAS6502 device address
A7
A6
A5
A4
A3
A2
A1
W/R
1
1
1
0
1
1
1
0/1
I
2C
®
®
®
®
Bus Protocol Definitions
Data transfer is initiated with a Start bit (S) when
SDA is pulled low while SCL stays high. Then, SDA
sets the transferred bit while SCL is low and the
data is sampled (received) when SCL rises. When
the transfer is complete, a Stop bit (P) is sent by
releasing the data line to allow it to be pulled up
while SCL is constantly high.
Figure 3 shows the start (S) and stop (P) bits and a
data bit. Data must be held stable at the SDA pin
when SCL is high. Data at the SDA pin can change
value only when SCL is low.
Each SDA line byte must contain 8-bits when the
most significant bit (MSB) is always first. Each byte
has to be followed by an acknowledge bit (see
further below). The number of bytes transmitted per
transfer is unrestricted.
SDA
SCL
S
P
1
0
Figure 3. I
2C
® bus protocol definitions
Bus communication includes Acknowledge (A) and
not Acknowledge (N) messages. To send an
acknowledge the receiver device pulls the SDA low
for one SCL clock cycle. For not acknowledge (N)
the receiver device leaves the SDA high for one
SCL clock cycle in which case the master can then
generate either a Stop (P) bit to abort the transfer,
or a repeated Start (Sr) bit to start a new transfer.
Abbreviations:
A= Acknowledge by Receiver
N = Not Acknowledge by Receiver
S = Start
Sr = Repeated Start
P = Stop
= from Master (MCU) to Slave (MAS6502)
= from Slave (MAS6502) to Master (MCU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com