Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 16 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 16 Page - Micro Analog systems

Back Button MAS6502 Datasheet HTML 12Page - Micro Analog systems MAS6502 Datasheet HTML 13Page - Micro Analog systems MAS6502 Datasheet HTML 14Page - Micro Analog systems MAS6502 Datasheet HTML 15Page - Micro Analog systems MAS6502 Datasheet HTML 16Page - Micro Analog systems MAS6502 Datasheet HTML 17Page - Micro Analog systems MAS6502 Datasheet HTML 18Page - Micro Analog systems MAS6502 Datasheet HTML 19Page - Micro Analog systems MAS6502 Datasheet HTML 20Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DA6502.008
29 November 2012
16 (20)
MAS6502BA1 IN QFN-16 4x4x0.75 PACKAGE
MAS6502
XXXXX
YYWW
BA1
GND 13
8 TE1
5 SCL
EOC 16
Top Marking Information:
MAS6502 = Product Number,
BA1 = Version Number
YYWW = Year Week
XXXXX = Lot Number
QFN-16 4x4x0.75 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Notes
VDD
1
P
Power Supply Voltage
TE3
2
DI/O
Test Pin 3 for internal clock oscillator
1
XCLR
3
DI
Reset I2C, Stop Conversion
2
SDA
4
DI/O
Serial Bus Data Input/Output
SCL
5
DI
Serial Bus Clock
6
NC
7
NC
TE1
8
DI/O
Test Pin 1
1
NI
9
AI
ADC Negative Input
TE2
10
DI
Test Pin 2
1
PI
11
AI
ADC Positive Input
COMMON
12
AI
Sensor Ground
GND
13
G
Power Supply Ground
14
NC
15
NC
EOC
16
DO
End of Conversion
NC = Not Connected, P = Power, G = Ground, DO = Digital Output, DI = Digital Input, AO = Analog Output
Note 1: Test pins TE1, TE2 and TE3 must be left floating.
Note 2: XCLR pin can be left unconnected when not used. It has internal pull up to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com