Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS6502 Datasheet HTML 9Page - Micro Analog systems MAS6502 Datasheet HTML 10Page - Micro Analog systems MAS6502 Datasheet HTML 11Page - Micro Analog systems MAS6502 Datasheet HTML 12Page - Micro Analog systems MAS6502 Datasheet HTML 13Page - Micro Analog systems MAS6502 Datasheet HTML 14Page - Micro Analog systems MAS6502 Datasheet HTML 15Page - Micro Analog systems MAS6502 Datasheet HTML 16Page - Micro Analog systems MAS6502 Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DA6502.008
29 November 2012
13 (20)
APPLICATION INFORMATION
Figure 4. Typical application circuit
Together
with
a
resistive
pressure
sensor,
MAS6502 can be used in pressure measurement
applications.
An
external
micro-controller
can
control the MAS6502 via an I
2C
® serial interface.
Note that the I
2C
® serial interface requires suitable
pull up resistors connected to the SDA and SCL
pins (see figure 4). Note that if there is only a single
master device in the serial bus the master’s SCL
output can be push-pull output stage making the
SCL pull-up resistor unnecessary.
The sensor is connected between the power supply
voltage
(VDD)
and
MAS6502
signal
ground
(COMMON) which can be internally connected to
ground (GND). The sensor output is read as a
differential signal through PI (positive input) and NI
(negative input) to the Σ converter in MAS6502.
In the pressure measurement mode, the switches
marked “P” are closed and the sensor output is fed
through
to
the
ADC.
In
the
temperature
measurement mode, the switches marked “T” are
closed and the voltage at the ADC input is
determined by the internal resistor array and the
temperature-dependent resistance of the sensor. In
this configuration the sensor bridge is connected as
part of a Wheatstone resistor bridge circuit where
the other four resistors (R1, R2, R3, R4) are inside
the IC.
To guarantee conversion accuracy a supply voltage
decoupling capacitor of 4.7 µF or more should be
placed between VDD and GND of MAS6502 (see
CVDD in figure 4).
Accuracy Improvement – Averaging
An averaging technique can be used to remove
conversion error caused by noise and thus improve
measurement accuracy. By doing several A/D
conversions and calculating the average result it’s
possible to average out noise. Theoretically random
noise is reduced by a factor
N
where N is the
number
of
averaged
samples.
A/D
converter
nonlinearities cannot be removed by averaging.
GND
R2
R4
R1
R3
ADC
PI
NI
COMMON
VDD
P
T
P
T
P
T
T
GND
VDD
CONTROL
SENSOR
VREFN
VREFP
TEST
I
2C
OSC
EEPROM
SDA
SCL
TE3
EOC
XCLR
TE1
TE2
MAS6502
MCU
OPTIONAL
VDD
GND
I/O
I/O
I/O
I/O
GND
GND
VDD
VDD
RP
4.7k
RP
4.7k
CVDD
4.7µ
µ
µ
µ
VDD
NOTE 1. It is recommended to use the XCLR reset feature to solve
unexpected error state conditions. The XCLR pin can be left
unconnected if not used. It has internal pull up to VDD.
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com