Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6502 Datasheet HTML 1Page - Micro Analog systems MAS6502 Datasheet HTML 2Page - Micro Analog systems MAS6502 Datasheet HTML 3Page - Micro Analog systems MAS6502 Datasheet HTML 4Page - Micro Analog systems MAS6502 Datasheet HTML 5Page - Micro Analog systems MAS6502 Datasheet HTML 6Page - Micro Analog systems MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DA6502.008
29 November 2012
3 (20)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +85oC, VDD = 2.0V to 3.6V, Typ T
A = 27
oC, Typ VDD = 2.35 V, R
sensor = 4.5kΩ unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Average ADC Current
during Conversion Time
ICONV
Pressure mode
Temperature mode
80
100
185
200
330
350
µA
Average ADC Current in
Pressure Measurement
during Conversion Period
(no sensor current
included)
IADC_P
1 conversion/s, Rsensor = 4.5 kΩ,
OSR=512
OSR=256
OSR=128
OSR=64
0.4
0.2
0.1
0.06
1.0
0.5
0.3
0.15
1.7
0.9
0.5
0.26
µA
Average ADC Current in
Temperature Measurement
during Conversion Period
(no sensor current
included)
IADC_T
1 conversion/s, Rsensor = 4.5 kΩ,
OSR=512
OSR=256
OSR=128
OSR=64
0.8
0.4
0.2
0.1
2.0
1.0
0.5
0.3
3.5
1.8
0.95
0.5
µA
Average Supply Current in
Pressure Measurement
during Conversion Period
(including sensor bridge
current)
ISAVG_P
1 conversion/s, Rsensor = 4.5 kΩ,
OSR=512
OSR=256
OSR=128
OSR=64
1.8
0.95
0.5
0.3
2.4
1.2
0.7
0.4
3.1
1.6
0.9
0.5
µA
Average Supply Current in
Temperature Measurement
(including sensor bridge
current)
ISAVG_T
1 conversion/s, Rsensor = 4.5 kΩ,
OSR=512
OSR=256
OSR=128
OSR=64
1.4
0.7
0.4
0.2
2.5
1.3
0.7
0.4
4.0
2.1
1.1
0.6
µA
Peak Supply Current
During Pressure
Measurement
ISC_P
VDD = 2.35 V, Rsensor = 4.5 kΩ
0.6
0.7
0.85
mA
Peak Supply Current
During Temperature
Measurement
ISC_T
VDD = 2.35 V, Rsensor = 4.5 kΩ
0.2
0.3
0.46
mA
Standby Current
ISS
VDD = 2.35 V
Note 1.
0.05
0.5
µA
Internal System Clock
Frequency
DCLK
Pressure measurement
Temperature measurement
85
42.5
100
50
113
56.5
kHz
Pressure Conversion Time
tCONV_P
DCLK = 100 kHz,
OSR=512
OSR=256
OSR=128
OSR=64
4.6
2.4
1.2
0.7
5.3
2.7
1.5
0.8
6.2
3.2
1.7
0.95
ms
Temperature Conversion
Time
tCONV_T
DCLK = 50 kHz,
OSR=512
OSR=256
OSR=128
OSR=64
9.3
4.8
2.5
1.4
10.6
5.5
2.9
1.6
12.4
6.4
3.4
1.9
ms
VDD Rise Time for Proper
Power On Reset (POR)
t VDD_RISE
Note 2.
400
ns
Note 1. Leakage current may increase if digital input voltages are not close to VDD (logic level high) or GND (logic level low)
Note 2. Device reset by using XCLR pin or reset register (30HEX) is necessary in case the VDD rise time is longer than specified here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com