Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 7 Page - Micro Analog systems

Back Button MAS6502 Datasheet HTML 3Page - Micro Analog systems MAS6502 Datasheet HTML 4Page - Micro Analog systems MAS6502 Datasheet HTML 5Page - Micro Analog systems MAS6502 Datasheet HTML 6Page - Micro Analog systems MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems MAS6502 Datasheet HTML 10Page - Micro Analog systems MAS6502 Datasheet HTML 11Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DA6502.008
29 November 2012
7 (20)
REGISTER AND EEPROM DATA ADDRESSES
MAS6502 includes a 32 bytes (256 bits) EEPROM
data memory. The first EEPROM byte at address
40HEX is reserved for internal clock oscillator
frequency trimming. The remaining 31 bytes (248
bits) in memory addresses 41HEX …5FHEX are free
for storing sensor calibration and other data.
MAS6502
also
contains
ten
8-bit
registers.
Addressing the reset register triggers device reset.
See table 1 for register and EEPROM data
addresses.
Table 1. Register and EEPROM data addresses
A7
A6
A5
A4
A3
A2
A1
A0
HEX
(X=0)
Description
Note
X
0
0
0
0
0
0
0
00
EEPROM; erase internal clock oscillator
trimming, reserved!
E
X
0
0
A4
A3
A2
A1
A0
01…1F
EEPROM; erase data at address [A4:A0]
E
X
1
0
0
0
0
0
0
40
EEPROM; read or write internal clock
oscillator trimming, reserved!
E
X
1
0
A4
A3
A2
A1
A0
41…5F
EEPROM; read or write data at address
[A4:A0]
E
X
X
1
1
0
0
0
0
30
Reset register; contains no data, write
any dummy data for a reset
R
X
X
1
1
0
1
1
1
37
Test and trim control register
R
X
X
1
1
1
0
0
0
38
Oscillator frequency control register
R
X
X
1
1
1
0
0
1
39
Data input register for EEPROM
R
X
X
1
1
1
0
1
0
3A
Control register for EEPROM
R
X
X
1
1
1
0
1
1
3B
Write and erase enable for EEPROM
R
X
X
1
1
1
1
0
0
3C
Status register for EEPROM
R
X
X
1
1
1
1
0
1
3D
MSB conversion result
R
X
X
1
1
1
1
1
0
3E
LSB conversion result
R
X
X
1
1
1
1
1
1
3F
ADC control register
R
X = Don’t care, E = EEPROM, R= Register
EEPROM addresses 01HEX …1FHEX are used for
erasing the data at the addressed bytes whereas
EEPROM
addresses
41HEX
…5FHEX
are
for
read/write of addressed bytes. In case of writing the
data
the
EEPROM
address
or
block
when
necessary is erased automatically before writing
new data on it. There should be at least a 16ms
delay after each EEPROM write since EEPROM
programming can take up to 16ms. For EEPROM
erase this delay should be at least 8ms.
Reset register (30HEX) does not contain any data.
Any dummy data written to this register forces a
reset.
A reset initializes all control registers
(addresses 37HEX…3FHEX) to a zero value.
Test and trim control register (37HEX) is for testing
and trimming purposes.
The oscillator frequency control register (38HEX) is
used only during internal clock oscillator trimming.
During trimming this register value is iterated to find
desired oscillator frequency. When the correct value
is found it can be written to the EEPROM internal
clock oscillator trimming register (40HEX). In normal
operation the trimming value is automatically read
from the EEPROM memory during startup. Note:
There is no need for internal oscillator trimming
since this is done during wafer level testing.
EEPROM data input register (39HEX) is automatically
used in all EEPROM data transfers. There is no
need to address this register manually except when
doing a “block write” when data must be written to
the input register before giving the block write
command. EEPROM control register (3AHEX) is for
special EEPROM functions like block erase, block
write and test modes.
The EEPROM write and erase enable register
(3BHEX) is used to protect the calibration memory
against accidental write/erase. After reset (power on
reset, XCLR) this register is set to %00000000
(00HEX) and the EEPROM memory erase/write is
disabled. The EEPROM erase/write is enabled only
when this register value is set to %01010101
(55HEX). EEPROM status register (3CHEX) is used for
EEPROM error correction status.
The MSB and LSB conversion result registers
(3DHEX and 3EHEX) contain the last 16-bit A/D
conversion result. The ADC control register (3FHEX)
is
used
for
configuring
and
starting
A/D
conversions. See chapter ADC Control Register for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com