Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS6502 Datasheet HTML 4Page - Micro Analog systems MAS6502 Datasheet HTML 5Page - Micro Analog systems MAS6502 Datasheet HTML 6Page - Micro Analog systems MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems MAS6502 Datasheet HTML 10Page - Micro Analog systems MAS6502 Datasheet HTML 11Page - Micro Analog systems MAS6502 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DA6502.008
29 November 2012
8 (20)
ADC CONTROL REGISTER
Table 2. MAS6502 ADC control register bit description
Bit Number
Bit Name
Description
Value
Function
7-6
OSRS
Over Sampling Ratio
(OSR) selection
11
01
10
00
OSR = 512
OSR = 256
OSR = 128
OSR = 64
5
PTS
Pressure/Temperature
Selection
1
0
Pressure Measurement
Temperature Measurement
4-3
ISR
Input Signal Range
11
10
01
00
325 mV (260 mV linear range)
220 mV (176 mV linear range)
150 mV (120 mV linear range)
100 mV (80 mV linear range)
2
OSSELECT
Offset Selection
1
0
+33 mV
No offset
1-0
RSSELECT
Sensor Resistance
Selection for
Temperature
Measurement Mode
11
10
01
00
Rsensor = 3.4 kΩ
Rsensor = 4.0 kΩ
Rsensor = 4.5 kΩ
Rsensor = 5.0 kΩ
MAS6502
has
an
ADC
control
register
for
configuring
the
measurement
setup.
A
new
conversion
is
started
simply by writing
8-bit
configuration data to the ADC control register. See
table 2 for ADC control register bit definitions. ADC
control register values are set via the 2-wire serial
data interface. Note: The device should not be
addressed via serial bus before the conversion has
been ended. Reading or writing to device during the
conversion may corrupt the conversion result.
The first two OSRS bits of the control register
defines four selectable over sampling ratios. The
higher the OSR is set the better is the ADC
resolution, but the conversion time gets longer.
The
PTS
bit
selects
between
pressure
and
temperature
measurement.
For
temperature
measurement the sensor is connected in the
Wheatstone bridge configuration together with four
integrated resistors. See figure 5 on page 15.
The ISR bits selects between four A/D input signal
ranges.
The OSSELECT bit is used to enable or disable an
offset for the input signal.
The two RSSELECT bits selects between four
sensor resistance options. The selection sets the
internal
R3
resistor
value
to
balance
the
Wheatstone bridge circuit formed by the sensor
resistance and four internal resistors R1, R2, R3
and R4. See Electrical Characteristics for resistor
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com