Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6502 Datasheet HTML 1Page - Micro Analog systems MAS6502 Datasheet HTML 2Page - Micro Analog systems MAS6502 Datasheet HTML 3Page - Micro Analog systems MAS6502 Datasheet HTML 4Page - Micro Analog systems MAS6502 Datasheet HTML 5Page - Micro Analog systems MAS6502 Datasheet HTML 6Page - Micro Analog systems MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DA6502.008
29 November 2012
1 (20)
MAS6502
Piezoresistive Sensor
Signal Interface IC
• Optimized for Piezoresistive
Pressure Sensors
• Very Low Power Consumption
• Ratiometric 16 Bit ∆
∆Σ
Σ
Σ
Σ ADC
• Linearity 14 Bits
• Internal Clock Oscillator
• Serial Data Interface (I
2C
®
®
®
® Bus)
• 256 Bit EEPROM Memory
DESCRIPTION
MAS6502 is a 16 bit Analog-to-Digital Converter
(ADC),
which
employs
a
delta-sigma
( Σ)
conversion technique. With the linear input signal
range of 260 mVPP the linearity is 14 bits.
MAS6502 is designed especially to meet
the requirement for low power consumption, thus
making it an ideal choice for battery powered
systems. The MAS6502 is equipped with a standby
function, i.e. the ADC is in power down between
each conversion. By utilizing this and overall low
power consumption, current consumption values of
2.5 µA (one pressure conversion in a second with
full 14-bit accuracy) or less can be achieved.
MAS6502 has an on-chip second order
decimator filter to process the output of the second
order
Σ -modulator. The ADC also has four
selectable input signal ranges with one optional
offset level. An internal trimmed clock oscillator
provides a system clock signal (DCLK) eliminating
the need for an external clock signal.
A bi-directional I
2C
® bus compatible 2-wire
serial bus is used for configuring conversion
parameters, starting conversion and reading out the
A/D conversion result.
MAS6502 has one input channel suitable
for a piezoresistive pressure sensor. In addition to
pressure
measurement
the
device
can
be
configured also for temperature measurement.
The 256-bit EEPROM memory is available
for storing trimming and calibration data on chip.
FEATURES
APPLICATIONS
Low Standby Current Consumption 0.05 µA Typ
Very Low Supply Current: 0.4 µA…2.5 µA Typ
Supply Voltage: 2.0 V…3.6 V
Ratiometric Σ Conversion
Selectable Input Signal Ranges (VDD=2.35V):
325 mVPP, 220 mVPP, 150 mVPP, 100 mVPP
Selectable Optional Offset (VDD=2.35V):
33 mV
Selectable Sensor Resistance Values
5 kΩ, 4.5 kΩ, 4 kΩ, 3.4 kΩ
Over Sampling Ratio: 512, 256, 128, 64
Internal System Clock Signal 100 kHz
Conversion Times 0.8 ms…10.6 ms Typ
2-Wire Serial Data Interface (I
2C
® Bus)
256 Bit EEPROM Memory
Good Noise Performance due to Σ
Architecture
Calibrated Piezoresistive Pressure Modules
Temperature measurement
Battery Powered Systems
Low Frequency Measurement Applications
Current/Power Consumption Critical Systems
Industrial and Process Control Applications in
Noisy Environments
I
2C is a registered trademark of NXP.


Similar Part No. - MAS6502

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6502 MAS-MAS6502 Datasheet
39Kb / 3P
Writing data to the EEPROM
MAS6502 MAS-MAS6502_11 Datasheet
39Kb / 3P
Writing data to the EEPROM
More results

Similar Description - MAS6502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
Silicon Piezoresistive Pressure Sensor
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
Silicon Piezoresistive Absolute Pressure Sensor
logo
TE Connectivity Ltd
MS5534C TEC-MS5534C Datasheet
592Kb / 22P
Piezoresistive silicon micromachined sensor
MS5535C TEC-MS5535C Datasheet
522Kb / 22P
Piezoresistive silicon micromachined sensor
MS5541C TEC-MS5541C Datasheet
372Kb / 21P
Piezoresistive silicon micromachined sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
Rev A
logo
TE Connectivity Ltd
MS52XX TEC-MS52XX Datasheet
334Kb / 11P
Piezoresistive silicon micromachined sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
logo
Micro Analog systems
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
Piezoresistive Sensor Signal Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com