Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6502 Datasheet HTML 6Page - Micro Analog systems MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems MAS6502 Datasheet HTML 10Page - Micro Analog systems MAS6502 Datasheet HTML 11Page - Micro Analog systems MAS6502 Datasheet HTML 12Page - Micro Analog systems MAS6502 Datasheet HTML 13Page - Micro Analog systems MAS6502 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DA6502.008
29 November 2012
10 (20)
EEPROM SPECIAL FUNCTIONS
Register (3AHEX) controls the special EEPROM
functions that includes EEPROM block erase, write
and test functions. See table 5. The EEPROM
control register functions are not needed in normal
EEPROM use such as read and write operations.
The 256-bit EEPROM consists of two 128-bit
blocks, so block erase and block write applies only
to one half of the EEPROM, selectable by the A4
address bit (see table 1). To erase or write the
whole EEPROM, block erase or write needs to be
done
twice:
for
A4=0
and
for
A4=1.
It
is
recommended to not use block erase or write
functions to avoid accidental internal oscillator
trimming data overwriting at A4=0 memory block.
Setting the EEPROM control register bit 7 (EBE) to
1 will erase the EEPROM memory block (128 bits)
specified by the A4 bit. Erased memory block
consists of zeroes.
Setting bit 6 (EBW) to 1 will force the EEPROM
memory block specified by the A4 bit to be
programmed to the same 8-bit word found in the
EEPROM data input register (39HEX).
Note: after block operations the block erase (EBE)
or write (EBW) control bit need to be written back to
value 0 to return normal operation.
Table 5. MAS6502 EEPROM control register (3AHEX)
Bit Number
Bit Name
Description
Value
Function
7
EBE
EEPROM Block Erase
0
1
-
Erase 128-bit block of EEPROM
6
EBW
EEPROM Block Write
0
1
-
Write EEPROM data input
register (39HEX ) data into 128-bit
block of EEPROM
5
EETEST
EEPROM Test Mode
Enable
0
1
-
Test mode enabled
4-3
VEE[1:0]
EEPROM test read
mode selection
11
10
00
01
Internal high test read
Internal low test read
FORBIDDEN
FORBIDDEN
2
CPTEST
Charge pump test
input pin
0
1
Programming allowed
Output protection of CP disabled
1
DMA
Direct Memory Access
TBD
TBD
0
PARITY
Parity Access
TBD
TBD
TBD = To be defined
The MAS6502 EEPROM status register (3CHEX), bits (7:6), reflect the EEPROM operation status. See table 6.
This register can be used to verify that the EEPROM operation has been accomplished without errors.
Table 6. MAS6502 EEPROM status register (3CHEX). Only bits (7:6) are used.
Bit Number
Bit Name
Description
Value
Function
7
ERROR
EEPROM error
detection
0
1
No errors
1 (or more) data error(s)
6
DED
EEPROM double
error detection
0
1
No errors
2 (or more) data errors
5-0
X
-
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com