Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6502 Datasheet HTML 1Page - Micro Analog systems MAS6502 Datasheet HTML 2Page - Micro Analog systems MAS6502 Datasheet HTML 3Page - Micro Analog systems MAS6502 Datasheet HTML 4Page - Micro Analog systems MAS6502 Datasheet HTML 5Page - Micro Analog systems MAS6502 Datasheet HTML 6Page - Micro Analog systems MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DA6502.008
29 November 2012
4 (20)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +85oC, VDD = 2.0V to 3.6V, Typ T
A = 27
oC, Typ VDD = 2.35 V, R
sensor = 4.5kΩ unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution
NBIT
16
Bit
VLSB
OSR=512
ISR = 325 mV
ISR = 100 mV
Note 1.
5
1.5
µV
Noise (one sigma)
VN
OSR=512, ISR = 325 mV
3.4
µVRMS
0.68
LSB
Accuracy
OSR = 512, TA = 27
oC
ISRLIN = 260 mV
±20
µV
Integral Nonlinearity
INL
OSR=512, VDD = 2.35V,
TA = 27
oC
ISRLIN = 260 mV
ISRLIN = 100 mV
Note 2.
±2.7
±6.2
±6
1)
±14
1)
LSB
VDD Sensitivity in
Pressure Mode
VDDSENSP
Pressure mode, OSR=512,
ISR = 325mV, TA = 27
oC
VDD step 3.6V ⇒ 2.0V
±15
±40
LSB
VDD Sensitivity in
Temperature Mode
VDDSENST
Temperature mode, OSR=512,
ISR = 325mV, TA = 27
oC
VDD step 3.6V ⇒ 2.0V
±80
±150
LSB
Linearity in Bits
LIN
ISRLIN = 260 mV, TA = 27
oC
OSR=512
OSR=256
OSR=128
OSR=64
Note 3.
14
13
12
10
Bit
Input Signal Range
ISR
325
220
150
100
mV
Linear Input Signal
Range
ISRLIN
10%...90% range (80%) of ISR
260
176
120
80
mV
Input Signal Offset
OFFSET
+33mV selection
No offset selection
33
0
mV
Output Code Values
CODE
OSR=512
OSR=256
OSR=128
OSR=64
0
0
0
0
65152
32385
8001
1953
Linear Range Output
Code Values
(10%...90% of Whole
Code Range)
OSR=512
OSR=256
OSR=128
OSR=64
6515
3239
800
195
58637
29147
7201
1758
1)
Guaranteed by design
Note 1. ISR (ISRLIN) and OSR refer to the ADC control register bits, see table 2 on page 8.
Note 2. Integral nonlinearity calculated from best fit line to linear input signal range containing 21pcs analysis points
.
Note 3. Linearity in bits calculated from LIN=log(CODELIN/INL)/log(2)=log(80%*CODEMAX/INL)/log(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com