Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6502 Datasheet HTML 1Page - Micro Analog systems MAS6502 Datasheet HTML 2Page - Micro Analog systems MAS6502 Datasheet HTML 3Page - Micro Analog systems MAS6502 Datasheet HTML 4Page - Micro Analog systems MAS6502 Datasheet HTML 5Page - Micro Analog systems MAS6502 Datasheet HTML 6Page - Micro Analog systems MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DA6502.008
29 November 2012
5 (20)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +85oC, VDD = 2.0V to 3.6V, Typ T
A = 27
oC, Typ VDD = 2.35 V, R
sensor = 4.5kΩ unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Temperature
Measurement Resistors
R1
R2
R4
-19%
13900
30600
30600
+19%
R3
Rsensor = 5 kΩ
Rsensor = 4.5 kΩ
Rsensor = 4 kΩ
Rsensor = 3.4 kΩ
-19%
8900
9400
9900
10500
+19%
Temperature
Coefficient of
Temperature
Measurement Resistors
TCR
-180
ppm / °C
EEPROM size
Note 1.
256
bit
EEPROM data write
time
Note 2.
16
ms
EEPROM data erase
time
Note 3.
8
ms
EEPROM data retention
TA = +85 °C
TA = +125 °C
10
24
1
years
Note 1. 8 bits out of 256 bits are reserved for internal oscillator trimming. The remaining 248 bits can be freely used for storing
calibration coefficients and other data.
Note 2. There should be at least a 16ms delay after each EEPROM write since EEPROM programming can take up to 16ms.
Note 3. There should be at least a 8ms delay after each EEPROM erase since EEPROM erasing can take up to 8ms.
Digital inputs
TA = -40
oC to +85oC, VDD = 2.0V to 3.6V, Typ T
A = 27
oC, Typ VDD = 2.35 V, R
P = 4.7kΩ (I
2C bus pull up) unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
80%
VDD
100%
VDD
V
Input Low Voltage
VIL
0%
VDD
20%
VDD
V
Serial Bus Clock
Frequency
fSCL
400
kHz
XCLR Reset Pulse
Length
tXCLR
XCLR low pulse
200
ns
XCLR Pin Pull Up
Current
IPULL_UP
XCLR=0V
-1
-8
-80
µA
Digital outputs
TA = -40
oC to +85oC, VDD = 2.0V to 3.6V, Typ T
A = 27
oC, Typ VDD = 2.35 V, R
P = 4.7kΩ (I
2C bus pull up) unless otherwise noted
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output high voltage
VOH
ISource=0.6mA
80%
VDD
100%
VDD
V
Output low voltage
VOL
ISink=0.6mA
0%
VDD
20%
VDD
V
Signal rise time
(from 10% to 90%)
tr
EOC pin, CL=50pF
SDA pin, CB=50pF
14
550
ns
Signal fall time
(from 90% to 10%)
tf
EOC pin, CL=50pF
SDA pin, CB=50pF
11
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com