Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6502 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6502
Description  Piezoresistive Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6502 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6502 Datasheet HTML 1Page - Micro Analog systems MAS6502 Datasheet HTML 2Page - Micro Analog systems MAS6502 Datasheet HTML 3Page - Micro Analog systems MAS6502 Datasheet HTML 4Page - Micro Analog systems MAS6502 Datasheet HTML 5Page - Micro Analog systems MAS6502 Datasheet HTML 6Page - Micro Analog systems MAS6502 Datasheet HTML 7Page - Micro Analog systems MAS6502 Datasheet HTML 8Page - Micro Analog systems MAS6502 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DA6502.008
29 November 2012
2 (20)
BLOCK DIAGRAM
Figure 1. MAS6502 block diagram
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
5.0
V
Voltage Range for All Pins
-0.3
VIN + 0.3
V
Latchup Current Limit
ILUT
For all pins, test according to
JESD78A.
-100
+100
mA
Junction Temperature
TJmax
+ 150
°C
Storage Temperature
TS
Note 1
- 55
+125
°C
Note 1. See EEPROM memory data retention at hot temperature. Storage or bake at hot temperatures will reduce the wafer level trimming
and calibration data retention time.
Note: The absolute maximum rating values are stress ratings only. Functional operation of the device at conditions between maximum
operating conditions and absolute maximum ratings is not implied and EEPROM contents may be corrupted. Exposure to these conditions
for extended periods may affect device reliability (e.g. hot carrier degradation, oxide breakdown). Applying conditions above absolute
maximum ratings may be destructive to the devices.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.0
2.35
3.6
V
Supply Voltage at EEPROM
Programming
VDD
T=+25°C. Note 1.
3.0
3.3
3.6
V
Operating Temperature
TA
-40
+25
+85
°C
The device performance may deteriorate in the long run if the Recommended Operation Conditions limits are continuously exceeded.
Note 1. It is recommended to program the EEPROM at room temperature.
R2
R4
R1
R3
ADC
PI
NI
COMMON
VDD
P
T
P
T
P
T
T
GND
VDD
CONTROL
VREFN
VREFP
TEST
I
2C
OSC
EEPROM
SDA
SCL
TE3
EOC
XCLR
TE1
TE2
MAS6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com