Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT7000SC Datasheet HTML 1Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 2Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 3Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 4Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 5Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
5
By pipelining the multiply-accumulate function and
dynamically determining
the
size
of the
input
operands, the ACT 7000SC is able to maximize
throughput
while
still
using
an
area
efficient
implementation.
Floating-Point Coprocessor
The ACT 7000SC incorporates a high-performance
fully pipe-lined
floating-point coprocessor which
includes a floating-point register file and autonomous
execution
units
for
multiply/
add/convert
and
divide/square root. The floating-point coprocessor is a
tightly coupled co-execution unit, decoding and
executing instructions in parallel with, and in the case
of floating-point loads and stores, in cooperation with
the M pipe of the integer unit. As described earlier, the
superscalar capabilities of the ACT 7000SC allow
floating-point
computation
instructions
to
issue
concurrently with integer instructions.
Floating-Point Unit
The ACT 7000SC floating-point execution unit
supports single and double precision arithmetic, as
specified in the IEEE Standard 754. The execution
unit is broken into a separate divide/square root unit
and
a
pipelined
multiply/add
unit.
Overlap
of
divide/square root and multiply/add is supported.
The
ACT 7000SC
maintains
fully
precise
floating-point
exceptions
while
allowing
both
overlapped
and
pipelined
operations.
Precise
exceptions are extremely important in object-oriented
programming environments and highly desirable for
debugging in any environment.
The floating-point unit’s operation set includes
floating-point add, subtract, multiply, multiply-add,
divide, square root, reciprocal, reciprocal square root,
conditional moves, conversion between fixed-point
and
floating-point
format,
conversion
between
floating-point formats, and floating-point compare.
Table 5 gives the latencies of the floating-point
instructions in internal processor cycles.
Floating-Point General Register File
The floating-point general register file, FGR, is
made up of thirty-two 64-bit registers. With the
floating-point load and store double instructions,
LDC1 and SDC1, the floating-point unit can take
advantage of the 64-bit wide data cache and issue a
floating-point coprocessor load or store double-word
instruction in every cycle.
The floating-point control register file contains two
registers; one for determining configuration and
revision information for the coprocessor and one for
control and status information. These registers are
primarily used for diagnostic software, exception
handling, state saving and restoring, and control of
rounding modes.
To support superscalar operations, the FGR has
four read ports and two write ports, and is fully
bypassed to minimize operation latency in the
pipeline. Three of the read ports and one write port
are used to support the combined multiply-add
instruction while the fourth read and second write port
allows a concurrent floating-point load or store and
conditional moves.
System Control Coprocessor (CP0)
The system control coprocessor (CP0) in the MIPS
architecture is responsible for the virtual memory
sub-system, the exception control system, and the
diagnostics capability of the processor. In the MIPS
architecture, the system control coprocessor (and
thus
the
kernel
software)
is
implementation
dependent. For memory management, the ACT
7000SC CP0 is logically identical to that of the
RM5200 Family and R5000. For interrupt exceptions
and diagnostics, the ACT 7000SC is a superset of the
RM5200 Family and R5000 implementing additional
features described later in the sections on Interrupts,
the Test/Breakpoint facility, and the Performance
Counter facility.
The memory management unit controls the virtual
memory system page mapping. It consists of an
instruction address translation buffer, or ITLB, a data
Table 5 – Floating Point Latencies and
Repeat Rates
Operation
Latency
single/double
Repeat Rate
single/double
fadd
4
1
fsub
4
1
fmult
4/5
1/2
fmadd
4/5
1/2
fmsub
4/5
1/2
fdiv
21/36
19/34
fsqrt
21/36
19/34
frecip
21/36
19/34
frsqrt
38/68
36/66
fcvt.s.d
4
1
fcvt.s.w
6
3
fcvt.s.l
6
3
fcvt.d.s
4
1
fcvt.d.w
4
1
fcvt.d.l
4
1
fcvt.w.s
4
1
fcvt.w.d
4
1
fcvt.l.s
4
1
fcvt.l.d
4
1
fcmp
1
1
fmov, fmovc
1
1
fabs, fneg
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com