Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 12Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 13Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 14Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 15Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 16Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 17Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 19Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
16
kept in a low cost EPROM; alternatively the twenty or
so bits could be generated by the system interface
ASIC.
Immediately after the VccOK signal is asserted, the
processor reads a serial bit stream of 256 bits to
initialize all the fundamental operational modes.
ModeClock runs continuously from the assertion of
VccOK.
Boot-Time Modes
The boot-time serial mode stream is defined in
Table 16. Bit 0 is the bit presented to the processor
when VccOK is deasserted; bit 255 is the last.
Table 16 – Boot Time Mode Stream
Mode bit
Description
0
Reserved: Must be zero
4..1
Write-back data rate
0:
DDDD
1:
DDxDDx
2:
DDxxDDxx
3:
DxDxDxDx
4:
DDxxxDDxxx
5
DDxxxxDDxxxx
6:
DxxDxxDxxDxx
7:
DDxxxxxxDDxxxxxx
8:
DxxxDxxxDxxxDxxx
9-15:Reserved
7..5
SysClock to Pclock Multiplier
Mode bit 20 = 0 / Mode bit 20 = 1
0:
Multiply by 2/x
1:
Multiply by 3/x
2:
Multiply by 4/x
3:
Multiply by 5/2.5
4:
Multiply by 6/x
5:
Multiply by 7/3.5
6:
Multiply by 8/x
7:
Multiply by 9/4.5
8
Specifies byte ordering. Logically ORed
with BigEndian input signal.
0:
Little endian
1:
Big endian
10..9
Non-Block Write Control
00: R4000 compatible non-block writes
01: Reserved
10: pipelined non-block writes
11: non-block write re-issue
11
Timer Interrupt Enable/Disable
0:
Enable the timer interrupt on IP[5]
1:
Disable the timer interrupt on IP[5]
12
Reserved: Must be zero
14..13
Output driver strength - 100% = fastest
00: 67% strength
01: 50% strength
10: 100% strength
11: 83% strength
15
Reserved must be zero
17..16
System configuration identifiers -
software visible in processor
Config[21..20] register
19..18
Reserved: Must be zero
20
Pclock to SysClock multipliers.
0:
Integer multipliers (2,3,4,5,6,7,8,9)
1:
Half integer multipliers (2.5,3.5,4.5)
21
External Bus Width.
0:
64-bit
1:
32-bit
23..22
Reserved: Must be zero
24
JTLB Size.
0:
48 dual-entry
1:
64 dual-entry
25
On-chip secondary cache control.
0:
Disable
1:
Enable
255..26
Reserved: Must be zero
Table 16 – Boot Time Mode Stream (Cont.)
Mode bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com