Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 2Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 3Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 4Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 5Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 9Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
6
address translation buffer, or DTLB, a Joint TLB, or
JTLB, and coprocessor registers used by the virtual
memory mapping sub-system.
System Control Coprocessor Registers
The ACT 7000SC incorporates all system control
coprocessor
(CP0)
registers
internally.
These
registers provide the path through which the virtual
memory system’s page mapping is examined and
modified, exceptions are handled, and operating
modes
are
controlled
(kernel
vs.
user
mode,
interrupts enabled or disabled, cache features). In
addition, the ACT 7000SC includes registers to
implement a real-time cycle counting facility, to aid in
cache and system diagnostics, and to assist in data
error detection.
To support the non-blocking caches and enhanced
interrupt handling capabilities of the ACT 7000SC,
both the data and control register spaces of CP0 are
supported by the ACT 7000SC. In the data register
space, that is the space accessed using the MFC0
and MTC0 instructions, the ACT 7000SC supports the
same registers as found in the RM5200, R4000 and
R5000 families. In the control space, that is the space
accessed by the previously unused CTC0 and CFC0
instructions, the ACT 7000SC supports five new
registers. The first three of these new 32-bit registers
support the enhanced interrupt handling capabilities
and are the Interrupt Control, Interrupt Priority Level
Lo (IPLLO), and Interrupt Priority Level Hi (IPLHI)
registers. These registers are described further in the
section on interrupt handling. The other two registers,
Imprecise Error 1 and Imprecise Error 2, have been
added to help diagnose bus errors which occur on
non-blocking memory references.
Figure 4 shows the CP0 registers.
Virtual to Physical Address Mapping
The ACT 7000SC provides three modes of virtual
addressing:
• user mode
• supervisor mode
• kernel mode
This mechanism is available to system software to
provide a secure environment for user processes. Bits
in the CP0 Status register determine which virtual
addressing mode is used. In the user mode, the ACT
7000SC provides a single, uniform virtual address
space of 256GB (2GB in 32-bit mode).
When operating in the kernel mode, four distinct
virtual address spaces, totalling 1024GB (4GB in
32-bit mode), are simultaneously available and are
differentiated by the high-order bits of the virtual
address.
The ACT 7000SC processor also supports a
supervisor mode in which the virtual address space is
256.5GB (2.5GB in 32-bit mode), divided into three
regions based on the high-order bits of the virtual
address. Figure 5 shows the address space layout for
32-bit operation.
Info
7*
Index
0*
Random
1*
Wired
6*
PRid
15*
LLAddr
17*
TagLo
28*
TagHi
29*
EPC
14*
ECC
26*
Status
12*
Context
4*
Count
9*
BadVAddr
8*
Compare
11*
Cause
13*
Watch1
18*
Watch2
19*
ErrorEPC
30*
Config
16*
Perf Counter
25*
Perf Ctr Cntrl
22*
Watch Mask
24*
IPLHI
19*
IPLLO
18*
IntControl
20*
Imp Error 1
26*
Imp Error 2
27*
PageMask
5*
EntryHi
10*
EntryLo1
3*
EntryLo0
2*
TLB
(entries protected
from TLBWR)
Used for memory
management
* Registered number
Used for exception
processing
Control Space Registers
Xcontext
20*
CacheErr
27*
47
0
Figure 4 – CP0 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com