Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 25 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 25 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 17Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 19Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 20Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 21Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 22Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 23Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 24Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 25Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
25
Sample Ordering Information
Part Number
Screening
Speed (MHz)
Package
ACT-7000SC-150F17I
Industrial Temperature
150
208 Lead CQFP
ACT-7000SC-200F17C
Commercial Temperature
200
208 Lead CQFP
ACT-7000SC-210F17T
Military Temperature
210
208 Lead CQFP
ACT-7000SC-225F17M
Military Screening
225
208 Lead CQFP
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
www.aeroflex.com
E-Mail: sales-mcm@aeroflex.com
CIRCUIT TEC HNOLOGY
Part Number Breakdown
ACT– 7000 SC – 225 F17 M
Aeroflex Circuit
Technology
Base Processor Type
150 = 150MHz
200 = 200MHz
210 = 210MHz
225 = 225MHz
240 = 240MHz (Future Option)
250 = 250MHz (Future Option)
266 = 266MHz (Future Option)
Cache Style
Package Type & Size
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screened
*
Q = MIL-PRF-38534 Compliant/SMD if applicable
Screening
* Screened to the individual test methods of MIL-STD-883
SC = Secondary Cache
Maximum Pipeline Freq.
Surface Mount Package
F17 = 1.120" SQ 208 Lead CQFP
F24 = 1.120" SQ Inverted 208 Lead CQFP
This document may, wholly or partially, be subject to change without notice. Aeroflex reserves the right to make changes to its products or specifications at any time
without notice.
Aeroflex will not be held responsible for any damage to the user or any property that may result from accidents, misuse, or any other causes arising during operation of
the user's unit.
Aeroflex does not assume any responsibility for use of any circuitry described other than the circuitry embodied in a Aeroflex product. The company makes no
representations that the circuitry described herein is free from patent infringement or other rights of third parties, which may result from its use. No license is granted by
implication or otherwise under any patent, patent rights, or other rights, of Aeroflex.
The QED logo and RISCMark are trademarks of Quantum Effect Devices, Inc.
MIPS is a registered trademark of MIPS Technologies, Inc. All other trademarks are the respective property of the trademark holders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com