Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT7000SC Datasheet HTML 1Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 2Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 3Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 4Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 5Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Features
eroflex Circuit Technology – MIPS RISC Microprocessors © SCD7000SC REV B 7/30/01
Pad Buffer
Address Buffer
BLOCK DIAGRAM
■ Full militarized QED RM7000 microprocessor
■ Dual Issue symmetric superscalar microprocessor with
instruction prefetch optimized for system level
price/performance
●
150, 200, 210, 225 MHz operating frequency
Consult Factory for latest speeds
●
MIPS IV Superset Instruction Set Architecture
■ High performance interface (RM52xx compatible)
●
600 MB per second peak throughput
●
75 MHz max. freq., multiplexed address/data
●
Supports 1/2 clock multipliers (2, 2.5, 3, 3.5, 4, 4.5, 5, 6, 7, 8, 9)
●
IEEE 1149.1 JTAG (TAP) boundary scan
■ Integrated primary and secondary caches - all are 4-way set
associative with 32 byte line size
●
16KB instruction
●
16KB data: non-blocking and write-back or write-through
●
256KB on-chip secondary: unified, non-blocking, block writeback
■ MIPS IV instruction set
●
Data PREFETCH instruction allows the processor to overlap cache
miss latency and instruction execution
●
Floating point combined multiply-add instruction increases
performance in signal processing and graphics applications
●
Conditional moves reduce branch frequency
●
Index address modes (register + register)
■ Embedded supply de-coupling capacitors and additional PLL
filter components
■ Integrated memory management unit (ACT52xx compatible)
●
Fully associative joint TLB (shared by I and D translations)
●
48 dual entries map 96 pages
●
4 entry DTLB and 4 entry ITLB
●
Variable page size (4KB to 16MB in 4x increments)
■ Embedded application enhancements
●
Specialized DSP integer Multiply-Accumulate instruction,
(MAD/MADU) and three-operand multiply instruction (MUL/U)
●
Per line cache locking in primaries and secondary
●
Bypass secondary cache option
●
I&D Test/Break-point (Watch) registers for emulation & debug
●
Performance counter for system and software tuning & debug
●
Ten fully prioritized vectored interrupts - 6 external, 2 internal, 2
software
●
Fast Hit-Writeback-Invalidate and Hit-Invalidate cache operations
for efficient cache management
■ High-performance floating point unit - 600 M FLOPS
maximum
●
Single cycle repeat rate for common single-precision operations
and some double-precision operations
●
Single cycle repeat rate for single-precision combined multiply-
add operations
●
Two cycle repeat rate for double-precision multiply and
double-precision combined multiply-add operations
■ Fully static CMOS design with dynamic power down logic
●
Standby reduced power mode with WAIT instruction
●
4 watts typical @ 2.5V Int., 3.3V I/O, 200MHz
■ 208-lead CQFP, cavity-up package (F17)
■ 208-lead CQFP, inverted footprint (F24), with the same pin
rotation as the commercial QED RM5261
64-Bit Superscaler Microprocessor
ACT 7000SC
A/D Bus
Pad Bus
M-Pipe Bus
DVA
D Bus
F-Pipe Bus
ITag
DTLB
DTag
ITLB
Set B
Secondary Tags
Set A
Secondary Tags
Set C
Secondary Tags
Set D
Secondary Tags
4 - Way Set Associative
Primary Data Cache
On - Chip 256K Byte Secondary Cache, 4 - Way Set Associative
4 - Way Set Associative
Primary Instruction Cache
Store Buffer
Write Buffer
Read Buffer
Prefetch Buffer
Instruction Dispatch Unit
M Pipe Register
F Pipe Register
Floating-Point
Load / Align
Floating-Point
Register File
Packer / Unpacker
Comparator
Floating-Point
MultAdd, Add, Sub,
Cvt, Div, Sqrt
Multiplier Array
IVA
Program Counter
ITLB Virtuals
Branch PC Adder
PC Incrementer
System / Memory
Control
Joint TLB
Coprocessor 0
Int Mult. Div. Madd
PLL/Clocks
FA Bus
Load Aligner
Integer Register File
M Pipe
F Pipe
DTLB Virtuals
Adder
StAin/Sh
Shifter
Adder
Logicals
Logicals


Similar Part No. - ACT7000SC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
More results

Similar Description - ACT7000SC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
ACT5231 32-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
ACT 5261 64-Bit Superscaler Microprocessor
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
ACT5270 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
ACT5271 64-Bit Superscaler Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com