Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 9Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 10Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 11Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 12Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 13Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 14Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
11
Primary Write Buffer
Writes to secondary cache or external memory,
whether
cache
miss
write-backs
or
stores
to
uncached or write-through addresses, use
the
integrated primary write buffer. The write buffer holds
up to four 64-bit address and data pairs. The entire
buffer is used for a data cache write-back and allows
the processor to proceed in parallel with memory
update. For uncached and write-through stores, the
write buffer significantly increases performance by
decoupling the SysAD bus transfers from the
instruction execution stream.
System Interface
The ACT 7000SC provides a high-performance
64-bit system interface which is compatible with the
RM5200 Family and R5000. Unlike the R4000 and
R5000 family processors which provide only an
integral multiplication factor between SysClock and
the pipeline clock, the ACT 7000SC also allows
half-integral multipliers, thereby providing greater
granularity in the designers choice of pipeline and
system interface frequencies.
The interface consists of a 64-bit Address/Data bus
with 8 check bits and a 9-bit command bus. In
addition, there are six handshake signals and six
interrupt inputs. The interface has a simple timing
specification and is capable of transferring data
between the processor and memory at a peak rate of
600 MB/sec with a 75 MHz SysClock.
Figure 6 shows a typical embedded system using
the ACT 7000SC. This example shows a system with
a bank of DRAMs, and an interface ASIC which
provides DRAM control as well as an I/O port.
System Address/Data Bus
The 64-bit System Address Data (SysAD) bus is
used to transfer addresses and data between the
ACT 7000SC and the rest of the system. It is
protected with an 8-bit parity check bus, SysADC.
The system interface is configurable to allow easy
interfacing to memory and I/O systems of varying
frequencies. The data rate and the bus frequency at
which the ACT 7000SC transmits data to the system
interface are programmable via boot time mode
control bits. Also, the rate at which the processor
receives data is fully controlled by the external device.
Therefore, either a low cost interface requiring no
read or write buffering or a faster, high-performance
interface can be designed to communicate with the
ACT 7000SC. Again, the system designer has the
flexibility to make these price/performance trade-offs.
System Command Bus
The ACT 7000SC interface has a 9-bit System
Command
(SysCmd)
bus.
The
command
bus
indicates whether the SysAD bus carries an address
or data. If the SysAD bus carries an address, then the
SysCmd bus also indicates what type of transaction is
to take place (for example, a read or write). If the
SysAD bus carries data, then the SysCmd bus also
gives information about the data (for example, this is
the last data word transmitted, or the data contains an
error). The SysCmd bus is bidirectional to support
both processor requests and external requests to the
ACT 7000SC. Processor requests are initiated by the
ACT 7000SC and responded to by an external
device. External requests are issued by an external
device and require the ACT 7000SC to respond.
The ACT 7000SC supports one to eight byte and
32-byte block transfers on the SysAD bus. In the case
of a sub-double-word transfer, the 3 low-order
address bits give the byte address of the transfer, and
the SysCmd bus indicates the number of bytes being
transferred.
Handshake Signals
There are six handshake signals on the system
interface. Two of these, RdRdy* and WrRdy*, are
used by an external device to indicate to the ACT
7000SC whether it can accept a new read or write
PCI Bus
XX
Control
DRAM
Latch
72
72
72
25
SysAD Bus
SysCmd
Memory I/O
Controller
Flash /
Address
Boot
ROM
ACT 7000SC
8
Figure 6 – Typical Embedded System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com