Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 23 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 23 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 17Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 19Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 20Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 21Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 22Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 23Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 24Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 25Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
23
1.131 (28.727) SQ
1.109 (28.169) SQ
1.009 (25.63)
.9998 (25.37)
51 Spaces at .0197
(51 Spaces at .50)
52
1
208
156
157
105
104
53
Pin 1 Chamfer
Detail "A"
0°±5°
1.331 (33.807)
1.269 (32.233)
.055 (1.397)
REF
.055 (1.397)
.045 (1.143)
.115 (2.921)
MAX
.960 (24.384) SQ
REF
.130 (3.302)
MAX
.010R REF
.010R REF
.010 (.253)
.007 (.178)
.015 (.381)
.009 (.229)
.100 (2.540)
.080 (2.032)
Package Information – "F17" – CQFP 208 Leads
Detail "A"
Note: Pin rotation is opposite of QEDs PQUAD due to cavity-up construction.
.035 (.889)
.025 (.635)
Units: Inches (Millimeters)
Lid
1.131 (28.727) SQ
1.109 (28.169) SQ
1.009 (25.63)
.9998 (25.37)
51 Spaces at .0197
(51 Spaces at .50)
157
208
1
53
52
104
105
156
Pin 1 Chamfer
Detail "A"
0°±5°
1.331 (33.807)
1.291 (32.791)
.139 (3.531)
MAX
.024 (.610)
.010 (.253)
.115 (2.921)
MAX
.012R REF
.012R REF
.010 (.253)
.007 (.178)
.100 (2.540)
.080 (2.032)
Package Information – "F24" – Inverted CQFP 208 Leads
Detail "A"
Note: Pin rotation is Identical to QEDs PQUAD due to cavity-down construction.
.060 (1.524)
.040 (1.016)
Units: Inches (Millimeters)
.055 (1.397)
REF
.055 (1.397)
.045 (1.143)
.960 (24.384) REF
Lid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com