Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 22 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 22 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 17Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 19Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 20Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 21Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 22Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 23Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 24Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 25Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
22
For additional Detail Information regarding the operation of the Quantum Effect Devices (QED) RISCMark
RM7000
, 64-Bit Superscalar Microprocessor see the latest QED datasheet and users guide
(www.qedinc.com).
JTAG interface:
JTDI
Input
JTAG data in
JTAG serial data in.
JTCK
Input
JTAG clock input
JTAG serial clock input.
JTDO
Output
JTAG data out
JTAG serial data out.
JTMS
Input
JTAG command
JTAG command signal, signals that the incoming serial data is command data.
Initialization Interface:
BigEndian
Input
Big Endian / Little Endian Control
Allows the system to change the processor addressing mode without rewriting
the mode ROM.
VccOK
Input
Vcc is OK
When asserted, this signal indicates to the ACT 7000 that the 2.5V power supply
has been above 2.25V for more than 100 milliseconds and will remain stable.
The assertion of VccOK initiates the reading of the boot-time mode control serial
stream.
ColdReset*
Input
Cold Reset
This signal must be asserted for a power on reset or a cold reset. ColdReset
must be de-asserted synchronously with SysClock.
Reset*
Input
Reset
This signal must be asserted for any reset sequence. It may be asserted
synchronously or asynchronously for a cold reset, or synchronously to initiate a
warm reset. Reset must be de-asserted synchronously with SysClock.
ModeClock
Output
Boot Mode Clock
Serial boot-mode data clock output at the system clock frequency divided by two
hundred and fifty six.
ModeIn
Input
Boot Mode Data In
Serial boot-mode data input.
Pin Descriptions (Cont.)
The following is a list of control, data, clock, interrupt, and miscellaneous pins of the ACT 7000SC.
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com