Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 5Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 9Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 10Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 11Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 12Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
9
operations, the cache is first searched to
determine if the target address is cache
resident. If it is resident, the primary cache
contents will be updated and main memory will
also be written leaving the write-back bit of the
cache line unchanged; no writes will occur into
the secondary. If the cache lookup misses, the
target line is first brought into the cache and then
the write is performed as above.
4. Write-through without write allocate. Loads
and instruction fetches will first search the
cache, reading from memory only if the desired
data is not cache resident; write-through data is
never cached in the secondary. On data store
operations, the cache is first searched to
determine if the target address is cache
resident. If it is resident, the cache contents will
be updated and main memory will also be
written leaving the write-back bit of the cache
line unchanged; no writes will occur into the
secondary. If the cache lookup misses, then
only main memory is written.
5. Write-back with secondary bypass. Loads and
instruction fetches first search the primary
cache, reading from memory only if the desired
data is not resident; the secondary is not
searched. On data store operations, the primary
cache is first searched to determine if the target
address is resident. If it is resident, the cache
contents are updated, and the cache line
marked for later write-back. If the cache lookup
misses, the target line is first brought into the
cache and then the write is performed as above.
Associated with the Data Cache is the store buffer.
When
the
ACT 7000SC
executes
a
STORE
instruction, this single-entry buffer gets written with
the store data while the tag comparison is performed.
If the tag matches, then the data is written into the
Data Cache in the next cycle that the Data Cache is
not accessed (the next non-load cycle). The store
buffer allows the ACT 7000SC to execute a store
every processor cycle and to perform back-to-back
stores without penalty. In the event of a store
immediately followed by a load to the same address,
a combined merge and cache write will occur such
that no penalty is incurred.
Secondary Cache
The ACT 7000SC has an integrated 256KB,
four-way set associative, block write-back secondary
cache. The secondary has the same line size as the
primaries, 32 bytes, is logically 64-bits wide matching
the system interface and primary widths, and is
protected with doubleword parity. The secondary tag
array holds a 20-bit physical address, 2 housekeeping
bits, a three bit cache state field, and two parity bits.
By integrating a secondary cache, the ACT 7000SC
is able to dramatically decrease the latency of a
primary cache miss without dramatically increasing
the number of pins and the amount of power required
by the processor. From a technology point of view,
integrating a secondary cache maximally leverages
CMOS semiconductor technology by using silicon to
build the structures that are most amenable to silicon
technology; silicon is being used to build very dense,
low power memory arrays rather than large power
hungry I/O buffers.
Further benefits of an integrated secondary are
flexibility in the cache organization and management
policies that are not practical with an external cache.
Two previously mentioned examples are the 4-way
associativity and write-back cache protocol.
A third management policy for which integration
affords flexibility is cache hierarchy management.
With multiple levels of cache, it is necessary to specify
a policy for dealing with cases where two cache lines
at level n of the hierarchy would, if possible, be
sharing an entry in level n+1 of the hierarchy. The
policy followed by the ACT 7000SC is motivated by
the desire to get maximum cache utility and results in
the ACT 7000SC allowing entries in the primaries
which do not necessarily have a corresponding entry
in the secondary; the ACT 7000SC does not force the
primaries to be a subset of the secondary. For
example, if primary cache line A is being filled and a
cache line already exists in the secondary for primary
cache line B at the location where primary A’s line
would reside then that secondary entry will be
replaced by an entry corresponding to primary cache
line A and no action will occur in the primary for cache
line B. This operation will create the aforementioned
scenario where the primary cache line which initially
had a corresponding secondary entry will no longer
have such an entry. Such a primary line is called an
orphan. In general, cache lines at level n+1 of the
hierarchy are called parents of level n’s children.
Another
ACT 7000SC
cache
management
optimization occurs for the case of a secondary cache
line replacement where the secondary line is dirty and
has a corresponding dirty line in the primary. In this
case, since it is permissible to leave the dirty line in
the primary, it is not necessary to write the secondary
line back to main memory. Taking this scenario one
step further, a final optimization occurs when the
aforementioned dirty primary line is replaced by
another line and must be written back, in this case, it
will be written directly to memory bypassing the
secondary cache.
Secondary Caching Protocols
Unlike the primary data cache, the secondary
cache supports only uncached and block write-back.
As noted earlier, cache lines managed with either of
the write-through protocols will not be placed in the
secondary cache. A new caching attribute, write-back
with secondary bypass, allows the secondary to be
bypassed entirely. When this attribute is selected, the
secondarywill not be filled on load misses and will not
be written on dirty write-backs from the primary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com