Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 11Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 12Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 13Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 14Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 15Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 16Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 17Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
15
level registers are located in the coprocessor 0 control
register space. For further details about the control
space see the section describing coprocessor 0.
In addition to programmable priority levels, the ACT
7000SC also permits the spacing between interrupt
vectors to be programmed. For example, the
minimum spacing between two adjacent vectors is
0x20
while
the
maximum
is
0x200.
This
programmability allows the user to either set up the
vectors as jumps to the actual interrupt routines or, if
interrupt latency is paramount, to include the entire
interrupt routine at the vector. Table 15 illustrates the
complete set of vector spacing selections along with
the coding as required in the Interrupt Control register
bits 4:0.
In general, the active interrupt priority combined
with the spacing setting generates a vector offset
which is then added to the interrupt base address of
0x200 to generate the interrupt exception offset. This
offset is then added to the exception base to produce
the final interrupt vector address.
Standby Mode
The ACT 7000SC provides a means to reduce the
amount of power consumed by the internal core when
the CPU would not otherwise be performing any
useful operations. This state is known as Standby
Mode.
Executing the WAIT instruction enables interrupts
and enters Standby Mode. When the WAIT instruction
completes the W pipe stage, if the SysAD bus is
currently idle, the internal processor clocks will stop
thereby freezing the pipeline. The phase lock loop, or
PLL, internal timer/ counter, and the “wake up” input
pins:
IP[5:0]*,
NMI*,
ExtReq*,
Reset*,
and
ColdReset* continue to operate in their normal
fashion. If the SysAD bus is not idle when the WAIT
instruction completes the W pipe stage, then the
WAIT is treated as a NOP. Once the processor is in
Standby,
any
interrupt, including
the
internally
generated timer interrupt, will cause the processor to
exit Standby and resume operation where it left off.
The WAIT instruction is typically inserted in the idle
loop of the operating system or real time executive.
JTAG Interface
The
ACT
7000SC
interface
supports
JTAG
boundary scan in conformance with IEEE 1149.1. The
JTAG interface is especially helpful for checking the
integrity of the processor’s pin connections.
Boot-Time Options
Fundamental operational modes for the processor
are initialized by the boot-time mode control interface.
The boot-time mode control interface is a serial
interface
operating
at
a
very
low
frequency
(SysClock divided by 256). The low frequency
operation allows the initialization information to be
Table 15 – Interrupt Vector Spacing
ICR[4..0]
Spacing
0x0
0x000
0x1
0x020
0x2
0x040
0x4
0x080
0x8
0x100
0x10
0x200
others
reserved
Table 11 – Cause Register
31
30
29,28
27
26
25
24
23..8
7
6..2
0,1
BD
0
CE
0
W2
W1
IV
IP[15..0]
0
EXC
0
Table 12 – Interupt Control Register
31..16
15..8
7
6..5
4..00
0
IM[15..8]
TE
0
Spacing
Table 13 – IPLLO Register
31..28
27..24
23..20
19..16
15..12
11..8
7..4
3..0
IPL7
IIPL6
IPL5
IPL4
IPL3
IPL2
IPL1
IPL0
Table 14 – IPLHI Register
31..28
27..24
23..20
19..16
15..12
11..8
7..4
3..0
0
0
IPL13
IPL12
IPL11
IPL10
IPL9
IPL8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com