Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 14Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 15Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 16Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 17Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 19Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 20Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 21Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 22Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
18
Absolute Maximum Rating1
Symbol
Parameter
Limits
Units
VTERM
Terminal Voltage with respect to VSS
-0.52 to +3.9
V
TC
Case Operating Temperature
-55 to +125
°C
TSTG
Storage Temperature
-65 to +150
°C
IIN
DC Input Current
203
mA
IOUT
DC Output Current4
50
mA
Note 1: Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Note 2: VIN minimum = -2.0V for pulse width less than 15ns. VIN should not exceed 3.9 Volts.
Note 3: When VIN < 0V or VIN > VCCIO
Note 4: Not more than one output should be shorted at a time. Duration of the short should not exceed 30 seconds.
Recommended Operating Conditions
CPU Speed
Temperature
Vss
VssInt
VccIO
VccP
150 - 225 MHz
-55°C to +125°C (TC)
0V
2.5V ±5%
3.3V ±5%
2.5V ±5%
Note:
VCC I/O should not exceed VccInt by greater than 1.2V during the power-up sequence.
Note:
Applying a logic high state to any I/O pin before VccInt becomes stable is not recommended.
Note:
As specified in IEEE 1149.1 (JTAG), the JTMS pin must be held low during reset to avoid entering JTAG test mode. Refer to the RM7000 Family
Users Manual, Appendix E.
DC Electrical Characteristics
Parameter
Minimum
Maximum
Conditions
VOL
0.1V
|IOUT |= 20 µA
VOH
VCCIO - 0.1V
VOL
0.4V
|IOUT |= 4 mA
VOH
2.4V
VIL
-0.5V
0.2 x VCCIO
VIH
0.7 x VCCIO
VCCIO + 0.5V
IIN
±20µA
±20µA
VIN =0
VIN =VCCIO
CIN
10pF
COUT
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com