Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button ACT7000SC Datasheet HTML 9Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 10Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 11Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 12Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 13Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 14Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 15Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 16Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
13
completed an independent transaction between itself
and system memory in a system where memory is
connected directly to the SysAD bus. Normally this
transaction would be a DMA read or write from the I/O
system.
Test / Breakpoint Registers
To increase both observability and controllability of
the processor thereby easing hardware and software
debugging, a pair of Test/Break-point, or Watch,
registers, Watch1 and Watch2, have been added to
the ACT 7000SC. Each Watch register can be
separately enabled to watch for a load address, a
store address, or an instruction address. All address
comparisons are done on physical addresses. An
associated register, Watch Mask, has also been
added so that either or both of the Watch registers
can compare against an address range rather than a
specific address. The range granularity is limited to a
power of two.
When enabled, a match of either Watch register
results in an exception. If the Watch is enabled for a
load or store address then the exception is the Watch
exception as defined for the R4000 with Cause
exception code twenty-three. If the Watch is enabled
for instruction addresses then a newly defined
Instruction Watch exception is taken and the Cause
code is sixteen. The Watch register which caused the
exception is indicated by Cause bits 25..24.
Table 9 summarizes a Watch operation.
Performance Counters
Like the Test/Break-point capability described
above, the Performance Counter feature has been
added to improve the observability and controllability
of the processor thereby easing system debug and,
especially in the case of the performance counters,
easing system tuning.
The Performance Counter feature is implemented
using
two
new CP0 registers, PerfCount and
PerfControl. The PerfCount register is a 32-bit
writable counter which causes an interrupt when bit
31 is set. The PerfControl register is a 32-bit register
containing a five bit field which selects one of
twenty-two event types as well as a handful of bits
which control the overall counting function. Note that
only one event type can be counted at a time and that
counting can occur for user code, kernel code, or
both. The event types and control bits are listed in
Table 10.
Table 9 – Watch Control Register
Register
Bit Field/Function
63
62
61
60:36
35:2
1:0
Watch1, 2 Store Load Instr
0
Addr
0
31:2
1
0
Watch
Mask
Mask
Mask
Watch
2
Mask
Watch
1
Data0
Data1
Addr
SysAD
SysCmd
ValidOut*
ValidIn*
RdRdy*
WrRdy*
Release*
SysClock
Data2
Data3
NData NData
Write
NData
NEOD
NData
Figure 8 – Processor Block Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com