Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7000SC Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT7000SC
Description  ACT 7000SC 64-Bit Superscaler Microprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7000SC Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT7000SC Datasheet HTML 1Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 2Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 3Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 4Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 5Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7000SC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Aeroflex Circuit Technology
SCD7000SC REV B 7/30/01 Plainview NY (516) 694-6700
2
DESCRIPTION
The ACT 7000SC is a highly integrated symmetric
superscalar microprocessor capable of issuing two
instructions each processor cycle. It has two high
performance 64-bit integer units as well as a high
throughput, fully pipelined 64-bit floating point unit. To
keep its multiple execution units running efficiently,
the ACT 7000SC integrates not only 16KB 4-way set
associative instruction and data caches but backs
them up with an integrated 256KB 4-way set
associative
secondary
as
well.
For
maximum
efficiency, the data and secondary caches are
writeback
and
nonblocking.
A
RM52XX
family
compatible,
operating
system
friendly
memory
management unit with a 64/ 48-entry fully associative
TLB and a high-performance 64-bit system interface
supporting
hardware
prioritized
and
vectored
interrupts round out the main features of the
processor.
The
ACT 7000SC is ideally suited for highend
embedded
control
applications
such
as
internetworking,
high
performance
image
manipulation,
high
speed
printing,
and
3-D
visualization.
HARDWARE OVERVIEW
The ACT 7000SC offers a high-level of integration
targeted
at
high-performance
embedded
applications. The key elements of the ACT 7000SC
are briefly described below.
CPU Registers
Like all MIPS ISA processors, the ACT 7000SC
CPU has a simple, clean user visible state consisting
of 32 general purpose registers, or GPR’s, two special
purpose registers for integer multiplication and
division, and a program counter; there are no
condition code bits. Figure 1 shows the user visible
state.
Superscalar Dispatch
The
ACT 7000SC has an efficient symmetric
superscalar dispatch unit which allows it to issue up to
two instructions per cycle. For purposes of instruction
issue, the ACT 7000SC defines four classes of
instructions:
integer,
load/store,
branches,
and
floating-point. There are two logical pipelines, the
function, or F, pipeline and the memory, or M,
pipeline. Note however that the M pipe can execute
integer as well as memory type instructions.
Figure 2 is a simplification of the pipeline section
and illustrates the basics of the instruction issue
mechanism.
Table 1 – Instruction Issue Rules
F Pipe
M Pipe
one of:
one of:
integer, branch, floating-point,
integer mul, div
integer, load/store
General Purpose Registers
63
0
Multiply/Divide Registers
063
0
r1
HI
r2
63
0
•LO
•
•
Program Counter
•63
0
r29
PC
r30
r31
Figure 1 – CP0 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com