Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 127 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 127 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 123Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 124Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 125Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 126Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 127Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 128Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 129Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 130Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 131Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
127
Package Thermal Characteristics (continued)
FPGA Maximum Junction Temperature
Once the power dissipated by the FPGA has been determined (see the Estimating Power Dissipation section), the
maximum junction temperature of the FPGA can be found. This is needed to determine if speed derating of the
device from the 85 °C junction temperature used in all of the delay tables is needed. Using the maximum ambient
temperature, TAmax, and the power dissipated by the device, Q (expressed in °C), the maximum junction tempera-
ture is approximated by:
TJmax = TAmax + (Q •
ΘJA)
Table 29 lists the thermal characteristics for all packages used with the Series 2 FPGAs.
1. Mounted on a sparse copper one-layer test board.
2. Mounted on four-layer JEDEC standard test board with two power/ground planes.
3. With thermal balls connected to board ground plane.
4. Without thermal balls connected to board ground plane.
Note: The ψJC for the packages listed is <1 °C/W. This implies that virtually all of the heat is dissipated through the board on which the package
is mounted.
Table 29. Series 2 Plastic Package Thermal Guidelines
Package
ΘJA (°C/W)
TA = 70 °C max
TJ = 125 °C max
@ 0 fpm (W)
0 fpm
200 fpm
500 fpm
84-Pin PLCC1
40.0
35.0
—
1.4
100-Pin TQFP2
30.0—27.0
26—23
24.0—21.0
1.8—2.0
144-Pin TQFP1
52.0
39.0
—
1.1
160-Pin QFP2
24.0
21.5
20.5
2.3
208-Pin SQFP2
26.5
23.0
21.0
2.1
208-Pin SQFP22
12.8
10.3
9.1
4.3
240-Pin SQFP2
25.5
22.5
21.0
2.2
240-Pin SQFP22
13.0
10.0
9.0
4.2
256-Pin PBGA2, 3
22.5
19.0
17.5
2.4
256-Pin PBGA2, 4
26.0
22.0
20.5
2.1
304-Pin SQFP2
27.5
24.0
22.5
2.0
304-Pin SQFP22
12.0
10.0
9.0
4.6
352-Pin PBGA2, 3
19.0
16.0
15.0
2.9
352-Pin PBGA2, 4
25.5
22.0
20.5
2.1
432-Pin EBGA2
11.0
8.5
7.5
5.0
Package Coplanarity
The coplanarity limits of the Series 2 series packages
are as follows:
s
TQFP: 3.15 mils
s
PLCC and QFP: 4.0 mils
s
PBGA: 8.0 mils
s
SQFP: 4.0 mils (240 and 304 only)
3.15 mils (all other sizes)
s
SQFP2: 3.15 mils
s
EBGA: 8.0 mils
Package Parasitics
The electrical performance of an IC package, such as
signal quality and noise sensitivity, is directly affected
by the package parasitics. Table 30 lists eight parasitics
associated with the
ORCA packages. These parasitics
represent the contributions of all components of a
package, which include the bond wires, all internal
package routing, and the external leads.
Four inductances in nH are listed: LSW and LSL, the
self-inductance of the lead; and LMW and LML, the
mutual inductance to the nearest neighbor lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com