Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2C04A Datasheet(PDF) 129 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 129 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 125Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 126Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 127Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 128Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 129Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 130Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 131Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 132Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 133Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 192 page
background image
Data Sheet
June 1999
ORCA Series 2 FPGAs
Lucent Technologies Inc.
129
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of
those given in the operations sections of this data sheet. Exposure to absolute maximum ratings for extended periods
can adversely affect device reliability.
The
ORCA Series FPGAs include circuitry designed to protect the chips from damaging substrate injection currents
and prevent accumulations of static charge. Nevertheless, conventional precautions should be observed during stor-
age, handling, and use to avoid exposure to excessive electrical stress.
Recommended Operating Conditions
Notes:
During powerup and powerdown sequencing, VDD is allowed to be at a higher voltage level than VDD5 for up to 100 ms.
During powerup sequencing of OR2TxxA devices VDD should reach 1.0 V before voltage applied to VDD5 can be greater than the voltage applied
to VDD.
The maximum recommended junction temperature (TJ) during operation is 125 °C.
* VDD5 not used in OR2TxxB devices.
Parameter
Symbol
Min
Max
Unit
Storage Temperature
Tstg
–65
150
°C
Supply Voltage with Respect to Ground
VDD
–0.5
7.0
V
VDD5 Supply Voltage with Respect to Ground
(OR2TxxA)
VDD5VDD
7.0
V
Input Signal with Respect to Ground
OR2TxxA only
—
–0.5
VDD + 0.3
VDD5 + 0.3
V
Signal Applied to High-impedance Output
OR2TxxA only
—
–0.5
VDD + 0.3
VDD5 + 0.3
V
Maximum Soldering Temperature
—
—
260
°C
Mode
OR2CxxA
OR2TxxA/OR2TxxB
Temperature
Range
(Ambient)
Supply Voltage
(VDD)
Temperature
Range
(Ambient)
Supply Voltage
(VDD)
Supply Voltage*
(VDD5)
Commercial
0 °C to 70 °C
5 V ± 5%
0 °C to 70 °C
3.0 V to 3.6 V
VDD to 5.25 V
Industrial
–40 °C to +85 °C
5 V ± 10%
–40 °C to +85 °C
3.0 V to 3.6 V
VDD to 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com