Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 3Page - Omron Electronics LLC K3HB-R Datasheet HTML 4Page - Omron Electronics LLC K3HB-R Datasheet HTML 5Page - Omron Electronics LLC K3HB-R Datasheet HTML 6Page - Omron Electronics LLC K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Rotary Pulse Indicator
K3HB-R
7
Operation
■ Functions (Operating Modes)
F1 to F6
Functions F1 to F6 provide rpm/circumferential speed and other calculation displays by measuring continuous pulses (frequencies).
Example
Function name
Function No.
Rpm/circumferential
speed
f1
Absolute ratio
f2
Error ratio
f3
Rotational difference
f4
Flow rate ratio
f5
Passing time
f6
Length of
processing stage
F1:
Displays rotation (rpm) or circumferential speed for one input.
F2 to F5: Displays the calculation result for two rotation (rpm) speeds.
F6:
Displays the passing time calculated from the circumferential speed and the length
of the processing stage for one input.
The basic principle used by the Digital Indicator to calculate the rotation speed (rpm) display is
to count the ON/OFF time (T) for input sensor or other device inputs using the internal system
clock, and then automatically calculate the frequency. This frequency (f) is multiplied by 60 and
displayed as the rotation (rpm) speed.
Input sensor or other input pulse ON/OFF time (T) =
Frequency (f) =
• Rotation speed (rpm) = f
× 60
• Circumferential speed = Roll circumference
× Rotation speed (rpm)
• Passing time=
These calculations are automatically made internally and displayed whenever any input pulse
is received.
T
1
T
Length of processing stage
Circumferential speed
Function
Operation
Operation image (application)
F1
Rpm/cir-
cumferen-
tial speed/
Instanta-
neous
flowrate
Measures frequency for input A and displays the
rotation (rpm) or circumferential speed proportional to
the input frequency.
N = Pulses per rotation
πd = Circumferential length per rotation
Calculation
Display
unit
Prescale value (
α)
Rotation
speed
rpm
1/N
rps
1/60 N
Frequency (of
input pulse)
Hz
1/60
kHz
1/60000
Circumferenti
al speed
mm/s
1000
πd/60 N
cm/s
100
πd/60 N
m/s
πd/60 N
m/min
πd/N
km/h
0.06
πd/N
Instantaneous
flowrate
l/min Check the output
specifications of the input
device and calculate the
prescale value from the
following equation:
Display value D = ƒa
× 60 ×
α
l/h
H
PASS
L
OK/NG
judgment
Measuring roller winding speed
Measuring motor speed
(for product testing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com