Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 19Page - Omron Electronics LLC K3HB-R Datasheet HTML 20Page - Omron Electronics LLC K3HB-R Datasheet HTML 21Page - Omron Electronics LLC K3HB-R Datasheet HTML 22Page - Omron Electronics LLC K3HB-R Datasheet HTML 23Page - Omron Electronics LLC K3HB-R Datasheet HTML 24Page - Omron Electronics LLC K3HB-R Datasheet HTML 25Page - Omron Electronics LLC K3HB-R Datasheet HTML 26Page - Omron Electronics LLC K3HB-R Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Digital Indicators
K3HB-R/-P/-C
23
BCD Output Cable
Note: The BCD Output Cable has a D-sub plug. Cover: 17JE-37H-1A (manufactured by DDK); Connector: equivalent to 17JE-23370-02 (D1)
(manufactured by DDK)
Special Cable (for Event Inputs with 8-pin Connector)
Models with Terminal Blocks
<1> <3>
1: N/C
3: HOLD
5: COMPENSATION
7: BANK4
9: BANK1
2: S-TMR
4: RESET
6: COM
8: BANK2
10: COM
Models with Connectors
<2> <4>
2
10
1
9
E3
E2
E1
E6
E5
E4
COM
COM
• Use terminal pin D6 as the common terminal.
• Use NPN open collector or no-voltage contacts
for event input.
PNP types are also available.
• Rotary Pulse Meter: K3HB-R
• Timer Interval Meter: K3HB-P
• Up/Down Counting Pulse Meter:
K3HB-C
E3
E2
E1
E6
E5
E4
COM
COM
E Pulse Inputs
D6
3.9 k
Ω
4.7 k
Ω
S-TMR : D2
HOLD : D3
RESET : D4
12 V
COM
NPN
PNP
Input A
Voltage
NPN
PNP
Input B
Voltage
D Event Inputs
NPN Input:
K3HB-
@NB
Input A
Input B
PNP Input:
K3HB-
@PB
Note: E3 and E6,
as well as B6,
are internally
connected.
Note: E3 and E6, as
well as B5,
are internally
connected.
COM
COM
E3, E6
E2, E5
700
Ω
700
Ω
510
Ω
12 V
E3, E6
E1, E4
10 k
Ω
700
Ω
510
Ω
12 V
E2, E5
510
Ω
12 V
E3, E6
NPN Input Model
K3HB-R
K3HB-P
K3HB-C
K3HB-R
K3HB-P
• NPN input section
• Voltage pulse input section
PNP Input Model
• Applicable Connector (Sold separately)
XG4M-1030 (OMRON)
• Special Cable (Sold separately)
K32-DICN (OMRON)
(XG4M-1030 with 3-m cable)
The following signals depend on the model:
S-TMR: Used by the K3HB-R only.
COMPENSATION: Used by the K3HB-C only.
N/C
COMPENSATION
HOLD
COM
S-TMR
RESET
Model
Shape
Pin arrangement
K32-BCD
Model
Appearance
Wiring
K32-DICN
38 mm
46.5 mm
300 mm
K3HB end
Connected device end
(PLC, display device, etc.)
Cover:
HDR-E50LPA5
(manufactured by Honda Tsushin Co., Ltd)
Connector: HDR-E50MAG1
(manufactured by Honda Tsushin Co., Ltd)
D-sub connector (37-pin female)
Cover:
17JE-37H-1A (manufactured by DDK)
Connector: Equivalent to 17JE-13370-02
(manufactured by DDK)
Stand:
17L-002A (manufactured by DDK)
1
2
3
4
5
6
7
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
100
101
102
103
104
104
OVER
DATA VALID
RUN
COMMON
REQUEST
MAX REQ.
MIN REQ.
HOLD
RESET
POLARITY
HH
H
PASS
L
LL
COMMON
1
2
4
8
1
2
4
8
1
2
4
8
1
2
4
8
1
2
COMMON
4
8
7
8
9
10
11
12
13
14
15
16
17
18
19
3,000 mm
(3 m)
Cable marking
910
12
Pin No.
1
2
3
4
5
6
7
8
9
10
Signal name
N/C
S-TMR
HOLD
RESET
N/C
COM
BANK4
BANK2
BANK1
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com