Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  K3HB-R Datasheet HTML 1Page - Omron Electronics LLC K3HB-R Datasheet HTML 2Page - Omron Electronics LLC K3HB-R Datasheet HTML 3Page - Omron Electronics LLC K3HB-R Datasheet HTML 4Page - Omron Electronics LLC K3HB-R Datasheet HTML 5Page - Omron Electronics LLC K3HB-R Datasheet HTML 6Page - Omron Electronics LLC K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
Rotary Pulse Indicator
K3HB-R
Rotary Pulse Indicator
K3HB-R
Digital Rotary Pulse Meter Capable of 50 kHz
Measurements
• Measures High-speed Pulses at 50 kHz.
Provides high-speed pulse measurements up to 50 kHz of rotary
encoder or ON/OFF pulse signals and can perform rotating
measurement of high-speed rotating objects.
Note: No-voltage contacts of up to 30 Hz are supported.
• Six Measurement Operations Including Rotation (rpm)/
Circumferential Speed, Ratio, and Cumulative
One Rotary Pulse Meter has 6 rotary pulse measurement functions to
support a variety of pulse measurement applications. Select the best
function for your application from the following: rotation (rpm)/
circumferential speed, absolute ratio, error ratio, error, flow rate ratio,
and passing time.
Refer to Common Precautions on page 30.
Model Number Structure
■ Model Number Legend
Base Units and Optional Boards can be ordered individually or as sets.
Note: 1. CPA can be combined with relay outputs only.
2. Only one of the following can be used by each Digital Indicator:
RS-232C/RS-485 communications, BCD communications, or DeviceNet communications.
Accessories (Sold Separately)
K32-DICN: Special Cable (for event inputs with 8-pin connector)
K32-BCD: Special BCD Output Cable
Base Units
1. Input Sensor Codes
NB: NPN input/voltage pulse input
PB: PNP input
5. Supply Voltage
100-240 VAC:100 to 240 VAC
24 VAC/VDC: 24 VAC/VDC
Optional Board
Sensor Power Supply/Output Boards
Relay/Transistor Output Boards
Event Input Boards
Base Units with Optional Boards
2. Sensor Power Supply/Output Type Codes
None:
None
CPA:
Relay output (PASS: SPDT) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 1.)
L1A:
Linear current output (DC0(4)-20 mA) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
L2A:
Linear voltage output (DC0(1)-5 V, 0 to 10 V) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
A:
Sensor power supply (12 VDC ±10%, 80 mA)
FLK1A: Communications (RS-232C) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
FLK3A: Communications (RS-485) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
3. Relay/Transistor Output Type Codes
None: None
C1:
Relay contact (H/L: SPDT each)
C2:
Relay contact (HH/H/LL/L: SPST-NO each)
T1:
Transistor (NPN open collector: HH/H/PASS/L/LL)
T2:
Transistor (PNP open collector: HH/H/PASS/L/LL)
BCD: BCD output + transistor output (NPN open collector: HH/H/PASS/L/LL)
DRT: DeviceNet (See note 2.)
4. Event input Type Codes
None: None
1:
5 points (M3 terminal blocks) NPN open collector
2:
8 points (10-pin MIL connector) NPN open collector
3:
5 points (M3 terminal blocks) PNP open collector
4:
8 points (10-pin MIL connector) PNP open collector
15
K3HB-R
@
2
K33-
@
3
K34-
@
4
K35-
@
1
2 3 4
5
K3HB-R
@-@@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com